Electronic Components Datasheet Search
  English  ▼

X  

TLP700H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP700H
Description  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP700H Datasheet HTML 1Page - Toshiba Semiconductor TLP700H Datasheet HTML 2Page - Toshiba Semiconductor TLP700H Datasheet HTML 3Page - Toshiba Semiconductor TLP700H Datasheet HTML 4Page - Toshiba Semiconductor TLP700H Datasheet HTML 5Page - Toshiba Semiconductor TLP700H Datasheet HTML 6Page - Toshiba Semiconductor TLP700H Datasheet HTML 7Page - Toshiba Semiconductor TLP700H Datasheet HTML 8Page - Toshiba Semiconductor TLP700H Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLP700
2010-02-23
3
Electrical Characteristics (Ta = −40 to 100 °C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
Forward voltage
VF
⎯
IF = 10 mA, Ta = 25 °C
⎯
1.57
1.75
V
Temperature coefficient of forward
voltage
∆VF/∆Ta
⎯
IF = 10 mA
⎯
−1.8
⎯
mV/°C
Input reverse current
IR
⎯
VR = 5 V, Ta = 25 °C
⎯
⎯
10
μA
Input capacitance
CT
⎯
V
=0 V, f = 1 MHz, Ta = 25 °C
⎯
100
⎯
pF
IOPH1
V6-5 = 3.5 V
⎯
−1.4
−1.0
“H” Level
IOPH2
1
VCC = 15 V
IF = 5 mA
V6-5 = 7 V
⎯
⎯
−1.5
IOPL1
V5-4 = 2.5 V
1.0
1.4
⎯
Output current
(Note 9)
“L” Level
IOPL2
2
VCC = 15 V
IF = 0 mA
V5-4 = 7 V
1.5
⎯
⎯
A
“H” Level
VOH
3
VCC1=+15V, VEE1=-15V
RL = 200Ω, IF = 5 mA
11
13.7
⎯
Output voltage
“L” Level
VOL
4
VCC1=+15V, VEE1=-15V
RL = 200Ω,VF = 0.8 V
⎯
-14.9
-12.5
V
“H” Level
ICCH
5
IF = 10 mA
⎯
1.3
2.0
Supply current
“L” Level
ICCL
6
VCC = 30 V
VO=Open
IF = 0 mA
⎯
1.3
2.0
mA
Threshold input current
L
→ H
IFLH
⎯
VCC = 15 V, VO > 1 V
⎯
1.8
5
mA
Threshold input voltage
H
→ L
VFHL
⎯
VCC = 15 V, VO < 1 V
0.8
⎯
⎯
V
Supply voltage
VCC
⎯
⎯
15
⎯
30
V
VUVLO+
⎯
VO > 2.5V, IF = 5 mA
11.0
12.5
13.5
V
UVLO thresh hold
VUVLO-
⎯
VO < 2.5V, IF = 5 mA
9.5
11.0
12.0
V
UVLO hysteresis
UVLOHYS
⎯
⎯
⎯
1.5
⎯
V
( * ): All typical values are at Ta
= 25°C
Note 9: Duration of Io time ≤ 50
μs, 1 pulse
Note 10: This product is more sensitive than conventional products to electrostatic discharge (ESD) owing to its low
power consumption design.
It is therefore all the more necessary to observe general precautions regarding ESD when handling this
component.
Isolation Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
Vs = 0 V , f = 1MHz
(Note 5)
⎯
1.0
⎯
pF
Isolation resistance
RS
R.H. ≤ 60 %, VS = 500 V
(Note 5)
1×10
12
10
14
⎯
Ω
AC, 1 minute
5000
⎯
⎯
AC, 1 second, in oil
⎯
10000
⎯
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
⎯
10000
⎯
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com