Electronic Components Datasheet Search
  English  ▼

X  

TLP708F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TLP708F
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP708F Datasheet HTML 5Page - Toshiba Semiconductor TLP708F Datasheet HTML 6Page - Toshiba Semiconductor TLP708F Datasheet HTML 7Page - Toshiba Semiconductor TLP708F Datasheet HTML 8Page - Toshiba Semiconductor TLP708F Datasheet HTML 9Page - Toshiba Semiconductor TLP708F Datasheet HTML 10Page - Toshiba Semiconductor TLP708F Datasheet HTML 11Page - Toshiba Semiconductor TLP708F Datasheet HTML 12Page - Toshiba Semiconductor TLP708F Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TLP708,TLP708F
2012-08-07
9
(2) Precautions for General Storage
1) Do not store devices in places where they will be exposed to moisture or direct sunlight.
2) During transportation or storage of devices, follow the cautions indicated on the carton box.
3) The storage area temperature should be kept within a temperature range of 5
˚C
to 35
˚C, and the relative humidity should be maintained between 45% and 75%.
4) Do not store devices in the presence of harmful (especially corrosive) gases, or under dusty conditions.
5) Use storage areas where there is minimal temperature fluctuation. The solderability of the leads will be
degraded as rapid temperature changes can cause condensation to form on the stored devices,
resulting in lead oxidation or corrosion.
6) When repacking devices, use anti-static containers.
7) Do not apply any external force or load directly to devices when they are in storage.
8) If devices have been stored for more than two years, it is recommended that their solderability be tested
before they are used even if the above precautions have been followed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com