Electronic Components Datasheet Search
  English  ▼

X  

TLP2403 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2403
Description  High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2403 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2403 Datasheet HTML 1Page - Toshiba Semiconductor TLP2403 Datasheet HTML 2Page - Toshiba Semiconductor TLP2403 Datasheet HTML 3Page - Toshiba Semiconductor TLP2403 Datasheet HTML 4Page - Toshiba Semiconductor TLP2403 Datasheet HTML 5Page - Toshiba Semiconductor TLP2403 Datasheet HTML 6Page - Toshiba Semiconductor TLP2403 Datasheet HTML 7Page - Toshiba Semiconductor TLP2403 Datasheet HTML 8Page - Toshiba Semiconductor TLP2403 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLP2403
1
Photocouplers
GaAℓAs Infrared LED & Photo IC
TLP2403
TLP2403
TLP2403
TLP2403
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Digital Interfacing for Instrumentation and Control Devices
•
Simplex/Multiplex Data Transmission
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2403 consists of a high-output GaAℓAs light-emitting diode coupled with a high-speed photo-
diode-transistor chip. It is housed in the SO8 package.
The TLP2403 uses a high-speed, high-gain detector element and thus is ideal for applications which require low-
input current and high-speed data transmission.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Package: SO8
(2)
Operating temperature: -40 to 100
(3)
Current transfer ratio: 400% (min) @IF = 0.5 mA
(4)
Maximum output current: 60 mA
(5)
Propagation delay time: tpHL = 2 µs (typ.), tpLH = 4 µs (typ.) @ RL = 4.7 kΩ, IF = 0.5 mA
(6)
Isolation voltage: 3750 Vrms (min)
(7)
Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
VDE-approved: Option (V4) EN60747-5-2 (Note)
(Note)
(Note)
(Note)
Note:
When an EN60747-5-2 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
1: NC
2: Anode
3: Cathode
4: NC
5: GND (Emitter)
6: Output (Collector)
7: Base
8: VCC
SO8
2010-09-06
Rev.1.0


Similar Part No. - TLP2403

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
Photocouplers GaA-As Infrared LED and Photo IC
TLP240A TOSHIBA-TLP240A Datasheet
410Kb / 17P
Photocouplers Photorelay
More results

Similar Description - TLP2403

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
logo
OKI electronic componet...
MSM9554 OKI-MSM9554 Datasheet
63Kb / 7P
LSI Devices for FM Multiplex Data Demodulation
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
logo
List of Unclassifed Man...
9841NH ETC2-9841NH Datasheet
54Kb / 2P
Instrumentation and computer cable for EIA RS-485 data transmission applications.
logo
Toshiba Semiconductor
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
List of Unclassifed Man...
9842NH ETC2-9842NH Datasheet
55Kb / 3P
Instrumentation and computer cable for EIA RS-485 data transmission applications
9182NH ETC2-9182NH Datasheet
52Kb / 2P
Twinaxial instrumentation and computer cable for data transmission applications
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com