Electronic Components Datasheet Search
  English  ▼

X  

APV1122AZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # APV1122AZ
Description  PHOTOVOLTAIC MOSFET DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APV1122AZ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  APV1122AZ Datasheet HTML 1Page - Panasonic Semiconductor APV1122AZ Datasheet HTML 2Page - Panasonic Semiconductor APV1122AZ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PHOTOVOLTAIC MOSFET DRIVER (APV1,2)
2
en_ds_apv1_2: 040906J
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Note: Recommended LED forward current IFT: 10mA.
For Dimensions, see catalog.
For Schematic and Wiring Diagrams, see catalog.
For Cautions for Use, see catalog.
Item
Symbol
APV1122(A)
APV1121S
APV2121S
APV2111V
Condition
Input
LED operate current
Typical
IFon
0.6mA
0.85mA
VOC = 5V
Maximum
3mA
LED turn off current
Minimum
IFoff
0.2mA
VOC = 1V
Typical
0.5mA
0.75mA
LED dropout voltage
Typical
VF
1.15V
IF = 10mA
Maximum
1.5V
Output
Drop-out voltage*
Minimum
VOC
6V
5V
IF = 10mA
Rv = 10µ
Ω
Typical
8.7V
8.2V
Short circuit current**
Minimum
ISC
5µA
3µA
IF = 10mA
Rv = 100
Ω
Typical
14µA
8µA
Transfer
characteristics
Turn on time***
Typical
Ton
0.4ms
0.8ms
IF = 10mA,
CL = 1,000pF
Turn off time***
Typical
Toff
0.1ms
IF = 10mA,
CL = 1,000pF
I/O capacitance
Typical
Ciso
0.8pF
VB = 0V,
f = 1MHz
Maximum
1.5pF
Initial I/O isolation resistance Minimum
Riso
1,000M
Ω
500V DC
*Drop-out voltage measurement circuit
APV1122(A)
APV1121S, APV2121S, APV2111V
V
IF=10mA
RV=10M‰
1
2
3
4
6
V
IF=10mA
RV=10M‰
1
2
3
4
**Short circuit current measurement circuit
APV1122(A)
APV1121S, APV2121S, APV2111V
1
2
3
4
6
I
IF=10mA
RI=100‰
1
2
3
4
I
IF=10mA
RI=100‰
***Turn on/Turn off time measurement circuit
APV1122(A)
APV1121S, APV2121S, APV2111V
1
2
3
4
6
VOUT
CL=1000pF
CL
IF=10mA
1
2
3
4
VOUT
CL=1000pF
CL
IF=10mA
***Turn on time
Input
Output
5V
1V
Ton
Toff



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com