Electronic Components Datasheet Search
  English  ▼

X  

APW8821 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW8821 Datasheet HTML 1Page - Anpec Electronics Coropration APW8821 Datasheet HTML 2Page - Anpec Electronics Coropration APW8821 Datasheet HTML 3Page - Anpec Electronics Coropration APW8821 Datasheet HTML 4Page - Anpec Electronics Coropration APW8821 Datasheet HTML 5Page - Anpec Electronics Coropration APW8821 Datasheet HTML 6Page - Anpec Electronics Coropration APW8821 Datasheet HTML 7Page - Anpec Electronics Coropration APW8821 Datasheet HTML 8Page - Anpec Electronics Coropration APW8821 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2012
APW8821
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Notebook PWM Controller with Differential Voltage Feedback
Features
•
Adjustable Output Voltage from +0.5V to +3.3V
- 0.5V Reference Voltage
- +0.6% Accuracy
•
Operates from An Input Battery Voltage Range of
+1.8V to +28V
•
Remote Feedback Sense for Excellent Output
Voltage
•
REFIN Function for Over-clocking Purpose from
0.5V~2.5V range
•
Power-On-Reset Monitoring on VCC Pin
•
Excellent line and load transient responses
•
PFM mode for increased light load efficiency
•
350kHz Constant PWM Switching Frequency
•
Integrated MOSFET Drivers
•
Integrated Bootstrap Forward P-CH MOSFET
•
Adjustable Integrated Soft-Start and Soft-Stop
•
Power Good Monitoring
• 70% Under-Voltage Protection
• 125% Over-Voltage Protection
•
Adjustable Current-limit protection
-Using Sense Low-Side MOSFET?¦s RDS(ON)
•
Over-Temperature Protection
•
TDFN-10 3x3 package
•
Lead Free and Green Device Available
(RoHS Compliant)
General Description
Applications
•
Notebook
•
Table PC
•
Hand-Held Portable
•
AIO PC
The APW8821 is a single-phase, constant on-time, syn-
chronous PWM controller, which drives N-channel
MOSFETs. The APW8821 steps down high voltage to
generate low-voltage chipset or RAM supplies in note-
book computers.
The APW8821 provides excellent transient response and
accurate DC voltage output in either PFM or PWM Mode.
In Pulse Frequency Mode (PFM), the APW8821 provides
very high efficiency over light to heavy loads with loading-
modulated switching frequencies. In PWM Mode, the con-
verter works nearly at constant frequency for low-noise
requirements. APW8821 is built in remote sense func-
tion for applications that require remote sense.
The APW8821 is equipped with accurate positive cur-
rent limit, output under-voltage, and output over-volt-
age protections, perfect for NB applications. The Power-
On-Reset function monitors the voltage on VCC to
prevent wrong operation during power-on. The
APW8821 has a 1ms digital soft start and built-in an
integrated output discharge device for soft stop. An
internal integrated soft-start ramps up the output volt-
age with programmable slew rate to reduce the start-
up current. A soft-stop function actively discharges the
output capacitors.
The APW8821 is available in 10pin TDFN 3x3 package
respectively.


Similar Part No. - APW8821

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8820QAI-TRG ANPEC-APW8820QAI-TRG Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8820QBI-TRG ANPEC-APW8820QBI-TRG Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8822 ANPEC-APW8822 Datasheet
656Kb / 27P
System Power PWM Controller for Notebook Computers with Charge Pump
APW8822A ANPEC-APW8822A Datasheet
656Kb / 27P
System Power PWM Controller for Notebook Computers with Charge Pump
More results

Similar Description - APW8821

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
High-Performance Notebook PWM Controller
August 22, 2006
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
High-Performance Notebook PWM Controller
August 7, 2006
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
High-Performance Notebook PWM Controller
APW8728 ANPEC-APW8728 Datasheet
846Kb / 25P
VGA PWM Controller with Differential Voltage Feedback
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
High-Performance Notebook PWM Controller
May 30, 2007
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
High-Performance Notebook PWM Controller
November 18, 2014
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
High-Performance Notebook PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com