Electronic Components Datasheet Search
  English  ▼

X  

APW8835 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW8835
Description  24V, 3A DC-DC Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8835 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW8835 Datasheet HTML 2Page - Anpec Electronics Coropration APW8835 Datasheet HTML 3Page - Anpec Electronics Coropration APW8835 Datasheet HTML 4Page - Anpec Electronics Coropration APW8835 Datasheet HTML 5Page - Anpec Electronics Coropration APW8835 Datasheet HTML 6Page - Anpec Electronics Coropration APW8835 Datasheet HTML 7Page - Anpec Electronics Coropration APW8835 Datasheet HTML 8Page - Anpec Electronics Coropration APW8835 Datasheet HTML 9Page - Anpec Electronics Coropration APW8835 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2013
www.anpec.com.tw
6
APW8835
Block Diagram
SW
Gate
Control
V REF
Fault
Logics
Error
Amplifier
FB
Inhibit
GND
POR
Power-On -
Reset
Slope
Compensation
Current
Compartor
Over
Temperature
Protection
Current
Limit
Gate
Driver
Gate
Driver
Gm
VIN
8 BOOT
6 ,7
4,5
3
1
FB
0 .8V
OVP
OTP
Current Sense
Amplifier
LOC
LOC
SS Ramp,
0~VREF 1.5ms
UVP
Current Sense
Amplifier
RBOND
Zero Crossing
Comoparator
Oscillator
VCC
2
VCC
VCC
135 %VREF
50 %VREF
87%V
REF
128 %VREF
EN 10
1 .6V
9
PGOOD
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com