Electronic Components Datasheet Search
  English  ▼

X  

AIC1568CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1568CS
Description  4-bit DAC, Simple PWM Power Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1568CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1568CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1568CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1568CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1568CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1568CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1568CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1568CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1568
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC
....…...............................................……………............................. 15V
Boot Voltage, VBOOT ……….......................…...........…………........................................ 15V
Input, Output, or I/O Voltage ....................………….………......... GND - 0.3V to VCC+0.3V
ESD Classification ....................................…….............……....……….................... Class 2
Recommended Operating Conditions
Supply Voltage, VCC
....…...................................................…………….............. 12V
±10%
Ambient Temperature Range ....…................….……...........………..................... 0
°C ~ 70°C
Junction Temperature Range ....…......................…..........…………................... 0
°C ~100°C
Thermal Information
Thermal Resistance,
θJA (Typical, Note 1)
SOIC Package ...............................……………………………………........…. 100
°C/W
SOIC Package (with 3 in2 of Copper) …………………………………......….. 90
°C /W
Maximum Junction Temperature (Plastic Package) ………………..……................... 150
°C
Maximum Storage Temperature Range ………………………..........…......... -65
°C ~150°C
Maximum Lead Temperature (Soldering 10 Sec) ……………..…………......…......... 300
°C
Note 1:
θJA is measured with the component mounted on an evaluation PC board in free air.
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com