Electronic Components Datasheet Search
  English  ▼

X  

440347 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 440347
Description  FPC Connector Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

440347 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 440347 Datasheet HTML 24Page - Tyco Electronics 440347 Datasheet HTML 25Page - Tyco Electronics 440347 Datasheet HTML 26Page - Tyco Electronics 440347 Datasheet HTML 27Page - Tyco Electronics 440347 Datasheet HTML 28Page - Tyco Electronics 440347 Datasheet HTML 29Page - Tyco Electronics 440347 Datasheet HTML 30Page - Tyco Electronics 440347 Datasheet HTML 31Page - Tyco Electronics 440347 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.25 mm, FFC Connector,
Right Angle, Top Contact
Non-ZIF
Lead Free
84533
Material and Finish
Housing — Glass filled PBT, white
color
Contact — Post plated tin phosphor
bronze
Technical Documents
Product Specification — 108-51021
2 Plcs.
H
1.25
[.049]
1.25
[.049]
0.80
[.031]
F
5.50
[.217]
10.00
[.394]
0.30
[.012]
Recommended FFC Layout
G
1.25
[.049]
H
E
Position No. 1
Marker
7.80
[.307]
3.20
[.126]
4.80
[.189]
0.60
[.024]
2.50
[.098]
Position No. 1
H
1.25
[.049]
Ø 0.85
[.033]
2.50
[.098]
2.50
[.098]
Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com