Electronic Components Datasheet Search
  English  ▼

X  

84981 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 84981
Description  FPC Connector Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

84981 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 84981 Datasheet HTML 17Page - Tyco Electronics 84981 Datasheet HTML 18Page - Tyco Electronics 84981 Datasheet HTML 19Page - Tyco Electronics 84981 Datasheet HTML 20Page - Tyco Electronics 84981 Datasheet HTML 21Page - Tyco Electronics 84981 Datasheet HTML 22Page - Tyco Electronics 84981 Datasheet HTML 23Page - Tyco Electronics 84981 Datasheet HTML 24Page - Tyco Electronics 84981 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.0 mm, FFC Connector,
Through-Hole, Vertical
Lead Free
84984
Technical Documents
Product Specification — 108-51058
Part Number
No. of Contacts
Dimension
EF
G
H
84984-4
4
5.00
5.00
6.00
3.00
.197
.197
.236
.118
84984-5
5
6.00
6.00
7.00
4.00
.236
.236
.276
.157
84984-6
6
7.00
7.00
8.00
5.00
.276
.276
.315
.197
84984-7
7
8.00
8.00
9.00
6.00
.315
.315
.354
.236
84984-8
8
9.00
9.00
10.00
7.00
.354
.354
.394
.276
84984-9
9
10.00
10.00
11.00
8.00
.394
.394
.433
.315
1-84984-0
10
11.00
11.00
12.00
9.00
.433
.433
.472
.354
1-84984-1
11
12.00
12.00
13.00
10.00
.472
.472
.512
.394
1-84984-2
12
13.00
13.00
14.00
11.00
.512
.512
.551
.433
1-84984-3
13
14.00
14.00
15.00
12.00
.551
.551
.591
.472
1-84984-4
14
15.00
15.00
16.00
13.00
.591
.591
.630
.512
1-84984-5
15
16.00
16.00
17.00
14.00
.630
.630
.669
.551
1-84984-6
16
17.00
17.00
18.00
15.00
.669
.669
.709
.591
1-84984-7
17
18.00
18.00
19.00
16.00
.709
.709
.748
.630
1-84984-8
18
19.00
19.00
20.00
17.00
.748
.748
.787
.669
1-84984-9
19
20.00
20.00
21.00
18.00
.787
.787
.827
.709
2-84984-0
20
21.00
21.00
22.00
19.00
.827
.827
.866
.748
2-84984-1
21
22.00
22.00
23.00
20.00
.866
.866
.906
.787
2-84984-2
22
23.00
23.00
24.00
21.00
.906
.906
.945
.827
2-84984-3
23
24.00
24.00
25.00
22.00
.945
.945
.984
.866
2-84984-4
24
25.00
25.00
26.00
23.00
.984
.984
1.024
.906
2-84984-5
25
26.00
26.00
27.00
24.00
1.024
1.024
1.063
.945
2-84984-6
26
27.00
27.00
28.00
25.00
1.063
1.063
1.102
.984
2-84984-7
27
28.00
28.00
29.00
26.00
1.102
1.102
1.142
1.024
2-84984-8
28
29.00
29.00
30.00
27.00
1.142
1.142
1.181
1.063
2-84984-9
29
30.00
30.00
31.00
28.00
1.181
1.181
1.221
1.102
3-84984-0
30
31.00
31.00
32.00
29.00
1.221
1.221
1.259
1.142
3-84984-1
31
32.00
32.00
33.00
30.00
1.259
1.259
1.299
1.181
3-84984-2
32
33.00
33.00
34.00
31.00
1.299
1.299
1.338
1.221
3-84984-3
33
34.00
34.00
35.00
32.00
1.338
1.338
1.377
1.259
3-84984-4
34
35.00
35.00
36.00
33.00
1.377
1.377
1.417
1.299
3-84984-5
35
36.00
36.00
37.00
34.00
1.417
1.417
1.456
1.338
3-84984-6
36
37.00
37.00
38.00
35.00
1.456
1.456
1.496
1.377
3-84984-7
37
38.00
38.00
39.00
36.00
1.496
1.496
1.535
1.417
3-84984-8
38
39.00
39.00
40.00
37.00
1.535
1.535
1.574
1.456
3-84984-9
39
40.00
40.00
41.00
38.00
1.574
1.574
1.614
1.496
4-84984-0
40
41.00
41.00
42.00
39.00
1.614
1.614
1.653
1.535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com