Electronic Components Datasheet Search
  English  ▼

X  

84533 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 84533
Description  FPC Connector Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

84533 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 84533 Datasheet HTML 9Page - Tyco Electronics 84533 Datasheet HTML 10Page - Tyco Electronics 84533 Datasheet HTML 11Page - Tyco Electronics 84533 Datasheet HTML 12Page - Tyco Electronics 84533 Datasheet HTML 13Page - Tyco Electronics 84533 Datasheet HTML 14Page - Tyco Electronics 84533 Datasheet HTML 15Page - Tyco Electronics 84533 Datasheet HTML 16Page - Tyco Electronics 84533 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
Part Number
Positions
Dimension
AB
C
D
E
84952-4
4
3.00
5.18
11.92
5.00
0.50
.118
.204
.469
.197
.019
84952-5
5
4.00
6.18
12.92
6.00
—
.157
.243
.509
.236
84952-6
6
5.00
7.18
13.92
7.00
0.50
.197
.283
.548
.276
.019
84952-7
7
6.00
8.18
14.92
8.00
—
.236
.322
.587
.315
84952-8
8
7.00
9.18
15.92
9.00
0.50
.276
.361
.627
.354
.019
84952-9
9
8.00
10.18
16.92
10.00
—
.315
.401
.666
.394
1-84952-0
10
9.00
11.18
17.92
11.00
0.50
.354
.440
.705
.433
.019
1-84952-1
11
10.00
12.18
18.92
12.00
—
.394
.480
.745
.472
1-84952-2
12
11.00
13.18
19.92
13.00
0.50
.433
.519
.784
.512
.019
1-84952-3
13
12.00
14.18
20.92
14.00
—
.472
.558
.824
.551
1-84952-4
14
13.00
15.18
21.92
15.00
0.50
.512
.598
.863
.591
.019
1-84952-5
15
14.00
16.18
22.92
16.00
—
.551
.637
.902
.630
1-84952-6
16
15.00
17.18
23.92
17.00
0.50
.591
.676
.942
.669
.019
1-84952-7
17
16.00
18.18
24.92
18.00
—
.630
.716
.981
.709
1-84952-8
18
17.00
19.18
25.92
19.00
0.50
.669
.755
1.020
.748
.019
1-84952-9
19
18.00
20.18
26.92
20.00
—
.709
.794
1.060
.787
2-84952-0
20
19.00
21.18
27.92
21.00
0.50
.748
.834
1.099
.827
.019
2-84952-1
21
20.00
22.18
28.92
22.00
—
.787
.873
1.139
.866
2-84952-2
22
21.00
23.18
29.92
23.00
0.50
.827
.913
1.179
.906
.019
2-84952-3
23
22.00
24.18
30.92
24.00
—
.866
.952
1.217
.945
2-84952-4
24
23.00
25.18
31.92
25.00
0.50
.906
.991
1.257
.984
.019
2-84952-5
25
24.00
26.18
32.92
26.00
—
.945
1.031
1.296
1.024
2-84952-6
26
25.00
27.18
33.92
27.00
0.50
.984
1.070
1.335
1.063
.019
2-84952-7
27
26.00
28.18
34.92
28.00
—
1.024
1.109
1.375
1.102
2-84952-8
28
27.00
29.18
35.92
29.00
0.50
1.063
1.149
1.414
1.142
.019
2-84952-9
29
28.00
30.18
36.92
30.00
—
1.102
1.188
1.454
1.181
3-84952-0
30
29.00
31.18
37.92
31.00
0.50
1.142
1.228
1.492
1.221
.019
1.0 mm, FPC Connector,
Right Angle, SMT, Bottom
Contact
Part Number
487952
Lead Free
84952
Technical Documents
Product Specification — 108-1393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com