Electronic Components Datasheet Search
  English  ▼

X  

1084-18CE Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # 1084-18CE
Description  5A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

1084-18CE Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  1084-18CE Datasheet HTML 1Page - Analog Intergrations Corporation 1084-18CE Datasheet HTML 2Page - Analog Intergrations Corporation 1084-18CE Datasheet HTML 3Page - Analog Intergrations Corporation 1084-18CE Datasheet HTML 4Page - Analog Intergrations Corporation 1084-18CE Datasheet HTML 5Page - Analog Intergrations Corporation 1084-18CE Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AIC1084
6
n PHYSICAL DIMENSIONS
l
TO-220 (unit: mm)
SYMBOL
MIN
MAX
A
3.56
4.82
D
14.23
16.51
E
9.66
10.66
e
2.29
2.79
e1
0.50
1.15
e2
-
1.10
F
0.51
1.39
J1
2.04
2.92
L
12.70
14.73
E
D
e1
e
A
F
L
J1
e2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com