Electronic Components Datasheet Search
  English  ▼

X  

APA2180 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2180
Description  Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2180 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2180 Datasheet HTML 9Page - Anpec Electronics Coropration APA2180 Datasheet HTML 10Page - Anpec Electronics Coropration APA2180 Datasheet HTML 11Page - Anpec Electronics Coropration APA2180 Datasheet HTML 12Page - Anpec Electronics Coropration APA2180 Datasheet HTML 13Page - Anpec Electronics Coropration APA2180 Datasheet HTML 14Page - Anpec Electronics Coropration APA2180 Datasheet HTML 15Page - Anpec Electronics Coropration APA2180 Datasheet HTML 16Page - Anpec Electronics Coropration APA2180 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Dec., 2012
APA2180
www.anpec.com.tw
13
Headphone Driver Operation
Function Description
The APA2180’s headphone drivers use a charge pump
to invert the positive power supply (V
DD) to negative power
supply (V
SS), see figure1. The headphone drivers oper-
ate at this bipolar power supply (V
DD and VSS) and the out-
puts reference refers to the ground. This feature elimi-
nates the output capacitor that is using in conventional
single-ended headphone drive amplifier. Compare with
the single power supply amplifier, the power supply range
has almost doubled.
Figure 1. Cap-free Operation
Thermal Protection
The thermal protection circuit limits the junction tempera-
ture of the APA2180. When the junction temperature ex-
ceeds T
J = +150
oC, a thermal sensor turns off the driver,
allowing the devices to cool. The thermal sensor allows
the driver to start-up after the junction temperature down
about 125oC. The thermal protection is designed with a
25oC hysteresis to lower the average T
J during continu-
ous thermal overload conditions, increasing lifetime of
the ICs.
Shutdown Function
In order to reduce power consumption while not in use,
the APA2180 contains shutdown controllers to externally
turn off the amplifier bias circuitry. This shutdown feature
turns the amplifier off when logic low is placed on the
SDN pins for the APA2180. The trigger point between a
logic high level is 1.0V and logic low level is 0.35V. It is
recommended to switch between the ground and the sup-
ply voltage V
DD to provide maximum device performance.
By switching the SDN pins to a low level, the amplifier
enters a low-consumption current circumstance, charge
pump is disabled, and I
DD for the APA2180 is in shutdown
mode. In normal operating, the APA2180’s SDN pins
should be pulled to a high level to keep the IC out of the
shutdown mode. The SDN pins should be tied to a defi-
nite voltage to avoid unwanted circumstance changes.
V
DD
V
DD/2
GND
V
OUT
V
DD
V
SS
GND
V
OUT
Conventional Headphone Driver
Cap-free Headphone Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com