Electronic Components Datasheet Search
  English  ▼

X  

APL3203A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3203A
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3203A Datasheet HTML 7Page - Anpec Electronics Coropration APL3203A Datasheet HTML 8Page - Anpec Electronics Coropration APL3203A Datasheet HTML 9Page - Anpec Electronics Coropration APL3203A Datasheet HTML 10Page - Anpec Electronics Coropration APL3203A Datasheet HTML 11Page - Anpec Electronics Coropration APL3203A Datasheet HTML 12Page - Anpec Electronics Coropration APL3203A Datasheet HTML 13Page - Anpec Electronics Coropration APL3203A Datasheet HTML 14Page - Anpec Electronics Coropration APL3203A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2011
www.anpec.com.tw
11
APL3203A/B/C
The output current is monitored by the internal OCP circuit.
When the output current reaches the OCP threshold, the
device limits the output current at OCP threshold level. If
the OCP condition continues for a blanking time of T
B(OCP),
the internal power FET is turned off. After the recovery
time of T
ON(OCP), the FET will be turned on again and the
output current is monitored again. The APL3203A/B/C
have a built-in counter. When the total count of OCP fault
reaches 16, the FET is turned off permanently, requiring
either a V
IN POR or EN re-enable again to restart. The
OCP threshold is programmed by a resistor R
ILIM con-
nected from ILIM pin to GND. The OCP threshold is cal-
culated by the following equation:
The APL3203A/B/C provide an open-drain output to indi-
cate that a fault has occurred. When any of input OVP,
OCP, battery OVP, is detected, the FAULT goes low to
indicate that a fault has occurred. Since the FAULT pin is
an open-drain output, connecting a resistor to a pull high
voltage is necessary.
Enable/Shutdown
Pull the EN pin voltage above 1.4V to disable the device
and pull EN pin voltage below 0.4V to enable the device.
The EN pin has an internal pull-down resistor and can be
left floating. When the IC is latched off due to the total
count of OCP or battery OVP reaches 16, disable and re-
enable the device with the EN pin can clear the counter.
Over-Temperature Protection
When the junction temperature exceeds 140οC, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 20οC, the internal thermal sense
circuit will enable the device, resulting in a pulsed output
during continuous thermal protection. Thermal protec-
tion is designed to protect the IC in the event of over tem-
perature conditions. For normal operation, the junction
temperature cannot exceed T
J=+125
οC.
The APL3203A/B/C monitor the BAT pin voltage for battery
over-voltage protection. The battery OVP threshold is in-
ternally set to 4.35V. When the BAT pin voltage exceeds
the battery OVP threshold for a blanking time of T
B(BOVP),
Battery Over-Voltage Protection
Function Description
Power-Up
The APL3203A/B/C have a built-in power-on-reset circuit
to keep the output shutting off until internal circuitry is
operating properly. The POR circuit has hysteresis and a
de-glitch feature so that it will typically ignore undershoot
transients on the input. When input voltage exceeds the
POR threshold and after 8ms blanking time, the output
voltage starts a soft-start to reduce the inrush current.
ILIM
ILIM
OCP
R
K
I
=
Over-Current Protection (OCP)
Input Over-Voltage Protection (OVP)
The input voltage is monitored by the internal OVP circuit.
When the input voltage rises above the input OVP
threshold, the internal FET will be turned off within 1
µs to
protect connected system on OUT pin. When the input
voltage returns below the input OVP threshold minus the
hysteresis, the FET is turned on again after 8ms recovery
time. The input OVP circuit has a 200mV hysteresis and
a recovery time of T
ON(OVP) to provide noise immunity
against transient conditions.
the internal power FET is turned off. When the BP voltage
returns below the battery OVP threshold minus the
hysteresis, the FET is turned on again. The APL3203A/B/
C have a built-in counter. When the total count of battery
OVP fault reaches 16, the FET is turned off permanently,
requiring either a V
IN POR or EN re-enable again to restart.
FAULTOutput
where
K
ILIM=25000AΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com