Electronic Components Datasheet Search
  English  ▼

X  

APL3203B Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL3203B
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203B Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL3203B Datasheet HTML 10Page - Anpec Electronics Coropration APL3203B Datasheet HTML 11Page - Anpec Electronics Coropration APL3203B Datasheet HTML 12Page - Anpec Electronics Coropration APL3203B Datasheet HTML 13Page - Anpec Electronics Coropration APL3203B Datasheet HTML 14Page - Anpec Electronics Coropration APL3203B Datasheet HTML 15Page - Anpec Electronics Coropration APL3203B Datasheet HTML 16Page - Anpec Electronics Coropration APL3203B Datasheet HTML 17Page - Anpec Electronics Coropration APL3203B Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2011
www.anpec.com.tw
14
APL3203A/B/C
Application Information
R
BAT Selection
Connect the BAT pin to the positive terminal of battery
through a resistor R
BAT for battery OVP function. The RBAT
limits the current flowing from BAT to battery in case of
BAT pin is shortened to VIN pin under a failure mode. The
recommended value of R
BAT is 100kΩ. In the worse case
of an IC failure, the current flowing from the BAT pin to the
battery is:
(30V-3V)/ 100k
Ω =270µA
where the 30V is the maximum IN voltage and the 3V is
the minimum battery voltage. The current is so small and
can be absorbed by the charger system.
The disadvantage with the large R
BAT is that the error of
the battery OVP threshold will be increased. The addi-
tional error is the voltage drop across the R
BAT because
of the BAT bias current. When R
BAT is 100kΩ, the worse-
case additional error is 100k
Ωx20nA=2mV, which is ac-
ceptable in most applications.
R
EN Selection
Since the IO voltage is divided by R
EN and EN internal pull
low resistor for EN voltage. It has to be ensured that the
EN voltage is above the EN logic high voltage when the
GPIO output of the MCU is high.
FAULTOutput
Since the FAULT pin is an open-drain output, connecting
a resistor R
UP to a pull high voltage is necessary. It is also
recommended that connect the FAULT to the MCU GPIO
through a resistor R
FAULT. The RFAULT prevents damage to
the MCU under a failure mode. The recommended value
of the resistors should be between 10k
Ω to 100kΩ.
Capacitor Selection
The input capacitor is for decoupling and prevents the
input voltage from overshooting to dangerous levels. In
the AC adapter hot plug-in applications or load current
step-down transient, the input voltage has a transient
spike due to the parasitic inductance of the input cable. A
25V, X5R, dielectric ceramic capacitor with a value be-
tween 1
µF and 4.7µF placed close to the IN pin is
recommended.
The output capacitor is for output voltage decoupling, and
also can be as the input capacitor of the charging circuit.
At least, a 1
µF, 10V, X5R capacitor is recommended.
For the same reason as the BAT pin case, the EN pin
should be connected to the MCU GPIO pin through a
resistor. The value of the R
EN is dependent on the IO
voltage of the MCU.
In some failure modes, a high voltage may be applied to
the device. Make sure the clearance constraint of the PCB
layout must satisfy the design rule for high voltage.
The exposed pad of the TDFN2x2-8 performs the func-
tion of channeling heat away. It is recommended that
connect the exposed pad to a large copper ground plane
on the backside of the circuit board through several ther-
mal vias to improve heat dissipation.
The input and output capacitors should be placed close
to the IC. R
ILIM also should be placed close to the IC.
The high current traces like input trace and output trace
must be wide and short.
Layout Consideration
BAT
Li+
Battery
EN
FAULT
MCU
R
UP
R
FAULT
R
EN
R
BAT
VIO
GPIO
GPIO
Figure 5. R
UP, RFAULT, REN and RBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com