Electronic Components Datasheet Search
  English  ▼

X  

APL3205A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3205A
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3205A Datasheet HTML 1Page - Anpec Electronics Coropration APL3205A Datasheet HTML 2Page - Anpec Electronics Coropration APL3205A Datasheet HTML 3Page - Anpec Electronics Coropration APL3205A Datasheet HTML 4Page - Anpec Electronics Coropration APL3205A Datasheet HTML 5Page - Anpec Electronics Coropration APL3205A Datasheet HTML 6Page - Anpec Electronics Coropration APL3205A Datasheet HTML 7Page - Anpec Electronics Coropration APL3205A Datasheet HTML 8Page - Anpec Electronics Coropration APL3205A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2011
www.anpec.com.tw
2
APL3205A/B
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish;
which are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-
020C for MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and
halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed
1500ppm by weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
IN Input Voltage (IN pin to GND)
-0.3 to 30
V
VOUT, VBAT
OUT, BAT Pins to GND Voltage
-0.3 to 7
V
VILIM, VFAULT, VEN , VPSW
ILIM, FAULT, EN, PSW, Pins to GND Voltage
-0.3 to 7
V
IOUT
OUT Output Current
2
A
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature Range
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature,10 Seconds
260
oC
Note 1 : Stresses beyond the absolute maximum rating may damage the device and exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Thermal Resistance in Free Air
TDFN2x2-8
80
°C/W
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
IN Input Voltage
4.5 to 5.5
V
IOUT
OUT Output Current
0 to 1.5
A
TJ
Junction Temperature
-40 to 125
°C
TA
Ambient Temperature
-40 to 85
°C
APL3205A
Package Code
QB : TDFN2x2-8
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APL3205A QB:
X - Date Code
Assembly Material
L05A
X
APL3205B
APL3205B QB:
X - Date Code
L05B
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com