Electronic Components Datasheet Search
  English  ▼

X  

APL3205B Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3205B
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205B Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3205B Datasheet HTML 1Page - Anpec Electronics Coropration APL3205B Datasheet HTML 2Page - Anpec Electronics Coropration APL3205B Datasheet HTML 3Page - Anpec Electronics Coropration APL3205B Datasheet HTML 4Page - Anpec Electronics Coropration APL3205B Datasheet HTML 5Page - Anpec Electronics Coropration APL3205B Datasheet HTML 6Page - Anpec Electronics Coropration APL3205B Datasheet HTML 7Page - Anpec Electronics Coropration APL3205B Datasheet HTML 8Page - Anpec Electronics Coropration APL3205B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2011
www.anpec.com.tw
4
APL3205A/B
APL3205A/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PSW LOGIC LEVELS (CONT.)
PSW Source Current
VPSW = 2.5V
-
2.5
-
mA
PSW Sink Current
VPSW = 2.5V
-
5
-
mA
TD(PSW)
PSW Low Delay Time
VIN rising, VOUT - VBAT
-
1
-
ms
Refer to the typical application circuit. These specifications apply over V
IN=5V, TA= -40~85°C
, unless otherwise specified. Typical
values are at T
A=25°C.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com