Electronic Components Datasheet Search
  English  ▼

X  

APL3206 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3206
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3206 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3206 Datasheet HTML 1Page - Anpec Electronics Coropration APL3206 Datasheet HTML 2Page - Anpec Electronics Coropration APL3206 Datasheet HTML 3Page - Anpec Electronics Coropration APL3206 Datasheet HTML 4Page - Anpec Electronics Coropration APL3206 Datasheet HTML 5Page - Anpec Electronics Coropration APL3206 Datasheet HTML 6Page - Anpec Electronics Coropration APL3206 Datasheet HTML 7Page - Anpec Electronics Coropration APL3206 Datasheet HTML 8Page - Anpec Electronics Coropration APL3206 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2010
APL3206/A/B
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Li+ Charger Protection IC with Integrated P-MOSFET
• Input Over-Voltage Protection
• Input Over-Current Protection
• Battery Over-Voltage Protection
• High Immunity of False Triggering
• High Accuracy Protection Threshold
• A Built-In P-MOSFET
• Thermal Shutdown Protection
• Compliance to IEC61000-4-2 (Level 4)
± 8kV (Contact Discharge)
± 15kV (Air Discharge)
• Available in a TDFN2x2-8 and TSOT-23-6A
Packages
• Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
• Cell Phones
General Description
Simplified Application Circuit
The APL3206/A/B provides complete Li+ charger protec-
tion against input over-voltage, input over-current, and
battery over-voltage. When any of the monitored param-
eters are over the threshold, the IC removes the power
from the charging system by turning off an internal switch.
All protections also have deglitch time against false trig-
gering due to voltage spikes or current transients.
The APL3206/A/B integrates a P-MOSFET with the body
diode reverse protection to replace the external P-MOSFET
and Schottky diode for charger function of cell phone’s
PMIC. When the CHRIN voltage drops below V
BAT+20mV,
the internal power select circuit will reverse the body
diode’s terminal to prevent a reverse current flowing from
the battery back to CHRIN pin.
The APL3206/A/B provides complete Li+ charger protec-
tions and saves the external MOSFET and Schottky diode
for the charger of cell phone’s PMIC. The above features
and small package make the APL3206/A/B an ideal part
for cell phones applications.
Pin Configuration
ACIN 1
ACIN 2
VBAT 4
5 GATDRV
GND 3
8 OUT
7 OUT
6 CHRIN
TDFN2x2-8
(Top View)
EP
EP
= Exposed Pad (connected to ground
plane for better heat dissipation)
4 VBAT
6 VIN
CHRIN 2
5 GND
GATDRV 3
OUT 1
TSOT-23-6A
(Top View)
ACIN
CHRIN
VBAT
GND
APL3206/A/B
Li+
Battery
GATDRV
OUT
PMIC
VBAT
GATDRV
CHRIN
ISENS
5V Adapter or USB


Similar Part No. - APL3206

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3206ACTI-TRG ANPEC-APL3206ACTI-TRG Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3206AQBI-TRG ANPEC-APL3206AQBI-TRG Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3206CTI-TRG ANPEC-APL3206CTI-TRG Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3206QBI-TRG ANPEC-APL3206QBI-TRG Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
More results

Similar Description - APL3206

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3208A ANPEC-APL3208A Datasheet
288Kb / 17P
Li Charger Protection IC with Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
Li Charger Protection IC with Integrated P-MOSFET
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
Li Charger Protection IC
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
Li Charger Protection IC
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
Li-Ion Charger Protection IC With Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com