Electronic Components Datasheet Search
  English  ▼

X  

APL3215 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3215
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3215 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3215 Datasheet HTML 1Page - Anpec Electronics Coropration APL3215 Datasheet HTML 2Page - Anpec Electronics Coropration APL3215 Datasheet HTML 3Page - Anpec Electronics Coropration APL3215 Datasheet HTML 4Page - Anpec Electronics Coropration APL3215 Datasheet HTML 5Page - Anpec Electronics Coropration APL3215 Datasheet HTML 6Page - Anpec Electronics Coropration APL3215 Datasheet HTML 7Page - Anpec Electronics Coropration APL3215 Datasheet HTML 8Page - Anpec Electronics Coropration APL3215 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2011
APL3215/A
www.anpec.com.tw
4
APL3215/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CHRIN, OUT AND GATDRV (CONT.)
P-MOSFET Input Capacitance
-
200
-
pF
GATDRV Gate Resistance
-
15
-
Ω
P-MOSFET Gate Threshold Voltage IOUT=0.7A
-
1.8
-
V
THERMAL SHUTDOWN PROTECTION
TOTP
Thermal Shutdown Threshold
-
160
-
oC
Thermal Shutdown Hysteresis
-
40
-
oC
Unless otherwise specified, these specifications apply over V
ACIN=5V, VBAT=3.8V and TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com