Electronic Components Datasheet Search
  English  ▼

X  

APR3101 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APR3101
Description  Micropower Microprocessor Reset Circuit with Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3101 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APR3101 Datasheet HTML 4Page - Anpec Electronics Coropration APR3101 Datasheet HTML 5Page - Anpec Electronics Coropration APR3101 Datasheet HTML 6Page - Anpec Electronics Coropration APR3101 Datasheet HTML 7Page - Anpec Electronics Coropration APR3101 Datasheet HTML 8Page - Anpec Electronics Coropration APR3101 Datasheet HTML 9Page - Anpec Electronics Coropration APR3101 Datasheet HTML 10Page - Anpec Electronics Coropration APR3101 Datasheet HTML 11Page - Anpec Electronics Coropration APR3101 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3101/2/3
www.anpec.com.tw
8
Typical Characteristics
Power Up
Vcc(2V/div)
RESET(2V/div)
MR(2V/div)
RESET(2V/div)
MR(2V/div)
Vcc(2V/div)
Time (50ms/div)
Time (500ms/div)
Power Down
Vcc(2V/div)
RESET(2V/div)
MR(2V/div)
Time (0.2us/div)
MR to Reset Delay
Time (10us/div)
Vcc to RESET Delay
Vcc(0.5V/div)
Vcc=VTH to (VTH-100mV)
RESET(2V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com