Electronic Components Datasheet Search
  English  ▼

X  

DF005S Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # DF005S
Description  1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

DF005S Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  DF005S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. DF005S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Glass passivated chip junction
• Low forward voltage drop
• High surge overload rating of 50 A peak
• Ideal for printed circuit board
Mechanical Data
• Case: Molded plastic, DB-S/DF-S
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current at TA = 40 OC
I(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half-sine-wave
Superimposed on Rated Load (JEDEC Method)
IFSM
50
A
Maximum Forward Voltage at 1 A
VF
1.1
V
at TA = 25 OC
5
Maximum Reverse Current at Rated
DC Blocking Voltage
at TA = 125 OC
IR
500
µA
Typical Junction Capacitance
1)
CJ
25
pF
Typical Thermal Resistance
2)
RθJA
40
OC/W
Typical Thermal Resistance
2)
RθJL
15
OC/W
Operating and Storage Temperature Range
TJ ,TS
-55 to +150
OC
1) Measured at 1 MHz and applied reverse voltage of 4 V
2) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B with 0.5 X 0.5" (13 X 13
mm) copper pads.
.045(1.14)
.335(8.51)
.009(0.25)
.205(5.2)
.195(5.0)
.035(0.89)
.316(8.05)
Unit : inch (mm)
DB-S/DF-S
®
DF005S thru DF10S
Pb Free Plating Product
Pb
DF005S thru DF10S
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
DB101S
DF005S
DB102S
DF01S
DB103S
DF02S
DB104S
DF04S
DB105S
DF06S
DB106S
DF08S
DB107S
DF10S
Unit


Similar Part No. - DF005S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF005S JGD-DF005S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF005S SSE-DF005S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF005S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GF1A- FAIRCHILD-GF1A- Datasheet
100Kb / 4P
1.0 Ampere Glass Passivated Rectifier
logo
Thinki Semiconductor Co...
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Foster Semicon...
ABS201G FOSTER-ABS201G Datasheet
5Mb / 3P
1.0 Amps Surface Mount Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com