Electronic Components Datasheet Search
  English  ▼

X  

AIC1650CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1650CS
Description  3-Cell, High-Efficiency, Inverting DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1650CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1650CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1650CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1650CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1650CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1650CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1650CS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1650
2
ORDERING INFORMATION
AIC1650 XX
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C=0
°C~+70°C
ORDER NUMBER
AIC1650CN
(PLASTIC DIP)
PIN CONFIGURATION
AIC1650CS
(PLASTIC SO)
TOP VIEW
DLOW
1
3
4
2
8
6
5
7
CL
VREF
SHDN
FB
DHI
GND
VIN
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.....................
............................………….................................. 20V
SHDN Voltage .............................................…………….................................... 15V
Operating Temperature Range
..........................………........................... 0
°C~ 70°C
Storage Temperature Range
..
................................………................ -65
°C~ 150°C
TEST CIRCUIT
Refer to Typical Application Circuit.
ELECTRICAL CHARACTERISTICS (VIN=13V, Ta=25°°°°C, unless otherwise speci-
fied.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
4
20
V
Switch Off Current
VFB = -50mV
100
200
µA
VREF Voltage
ISOURCE = 250
µA
1.16
1.22
1.28
V
VREF Source Current
250
µA
DLOW “ON Resistance”
15
Ω
DHI “ON Resistance”
10
Ω
CL Threshold
507090
mV
Shutdown Threshold
0.8
1.5
2.4
V
Shutdown Mode Current
VSHDN=0V
8
20
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com