Electronic Components Datasheet Search
  English  ▼

X  

AIC1652CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1652CS
Description  MICROPOWER INVERTING DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1652CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1652CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AIC1652
MICROPOWER INVERTING DC/DC CONVERTER
SPEC NO: DS-1652-02 DEC 27, 00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
4
n PIN DESCRIPTIONS
PIN 1:
VIN
- 2.4V to 7V input supply voltage.
PIN 2:
VREF - 1.22V reference output. Bypass with
a
0.047
µF capacitor to GND.
Sourcing capability is guaranteed to
be greater than 250
µA.
PIN 3:
SHDN - Logic input to shutdown the chip.
>1.5V = normal operation,
GND = shutdown
In shutdown mode DLOW and DHI
pins are at high level.
PIN 4:
FB
- Feedback signal input to sense
ground. Connecting a resistor R1 to
VOUT and a resistor R2 to VREF pin
yields the output voltage:
VOUT = -(R1/R2 ) x VREF
PIN 5:
GND - Power ground.
PIN 6: DLOW - Driver sinking output. Connected to
DHI when using an external P-
channel MOSFET. When using an
external
PNP
bipolar
transistor,
connect a resistor RB from this pin
to DHI. RB value depends on VIN,
inductor and PNP bipolar transistor.
By adjusting the RB value, efficiency
can be optimized.
PIN 7: DHI
- Driver sourcing output. Connect to
gate
of
the
external
P-channel
MOSFET or base of the PNP bipolar
transistor.
PIN 8:
CL
- Current-limit input. This pin clamps
the switch peak current to prevent
over-current damage to the external
switch.
n APPLICATION INFORMATIONS
2
4
6
8
0
0.2
0.4
0.6
0.8
100
µH
120
µH
150
µH
180
µH
220
µH
VIN (V)
Max. Output Power vs VIN
Inductor Value
Typical Application Circuit
The typical application circuit generates an adjustable
negative voltage for contrast bias of LCD displays. Effi-
ciency and output power can be optimized by using ap-
propriate inductor and switch. The following formulas
provide a guideline for determining the optimal component
values:
L
=
(11.1 0.15
V )
V
I
V
IN
IN
OUT
OUT
−
×
×
×
PNP :
V
V
V
CEO
IN
OUT
>
+
I
200
I
V
C, MAX
OUT
IN
≥
×
V
0. 4 V at I
= 200
I
V
CE
C
OUT
IN
<
×
and
10
β =
RB
≅ 3 x L x (VIN - 0.8)
where, units: VIN & VOUT in V, IOUT in A, L in µH,
RB in
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com