Electronic Components Datasheet Search
  English  ▼

X  

GLX-3 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GLX-3
Description  PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GLX-3 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GLX-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. GLX-3 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Catalog Symbol:
GLX
Sub Miniature with Radial Leads
Non-Time-Delay
0.145˝ x 0.300˝ (3.7mm x 7.6mm)
Interrupting Rating:
50 AIC
Electrical Ratings (Catalog Symbol and Amps)
125 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GLX-1⁄4
B
Red
Pur
GLX-2
B
Grn
Blu
GLX-1⁄2
B
Orn
Grn
GLX-3
B
Blu
Pur
GLX-3⁄4
B
Orn
Pur
GLX-4
B
Pur
Brn
GLX-1
B
Yel
Grn
GLX-5
B
Brn
Blk
GLX-1 1⁄2
B
Yel
Pur
—
General Information:
• Glass tube fuses for protection of subminiature devices.
• Tinned radial leads spaced for easy assembly on printed
circuit chassis.
• Withstand high-shock and vibration.
• Color-coded for ampere rating.
• Radial leads (1 1
⁄2˝) can be fed through wire forming machine.
Wire Lead Size
No.
Fuse
24
1
⁄200 to 5A
Carton Quantity and Weight
Amp
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
1
⁄4–5
100
0.171
52.6
*Weight per carton.
10
1
.1
.01
100
CURRENT IN AMPS
AMP
RATING
AATING
Time-Current Characteristics–Total Clear
0712
BU-SB12568
Page 2 of 2
Data Sheet 2035
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled.This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
PC Board Fuses - Sub Miniature with Leads
GFA, GLN and GLX Series
™



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com