Electronic Components Datasheet Search
  English  ▼

X  

GFA-310 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GFA-310
Description  PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GFA-310 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GFA-310 Datasheet HTML 1Page - Cooper Bussmann, Inc. GFA-310 Datasheet HTML 2Page - Cooper Bussmann, Inc. GFA-310 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PC Board Fuses - Sub Miniature with Leads
GFA, GLN and GLX Series
Catalog Symbol:
GFA
Sub Miniature with Axial Leads
Non Time-Delay
0.145˝ x 0.300˝ (3.7mm x 7.6mm)
Interrupting Rating:
50 AIC
Agency Approvals:
UL Recognized, (1⁄2-5A) Guide JDYZ2, File 19180
CSA Certified, (1⁄2-5A) File 53787, Class 1425-01
Electrical Ratings (Catalog Symbol and Amps)
125 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GFA-1⁄200
A
Red
Blk
GFA-3⁄10
A
Grn
Grn
GFA-1⁄100
A
Red
Orn
GFA-4⁄10
A
Blu
Blu
GFA-1⁄64
A
Red
Grn
GFA-1⁄2
B
Orn
Grn
GFA-1⁄50
A
Red
Wht
GFA-6⁄10
B
Orn
Blu
GFA-1⁄32
A
Red
Brn
GFA-3⁄4
B
Orn
Pur
GFA-1⁄20
A
Yel
Yel
GFA-1
B
Yel
Grn
GFA-1⁄16
A
Brn
Brn
GFA-1 1⁄2
B
Yel
Pur
GFA-1⁄10
A
Red
Red
GFA-2
B
Grn
Blu
GFA-1⁄8
A
Orn
Orn
GFA-2 1⁄2
B
Grn
Brn
GFA-15⁄100
B
Red
Yel
GFA-3
B
Blu
Pur
GFA-2⁄10
B
Red
Blu
GFA-4
B
Pur
Brn
GFA-1⁄4
B
Red
Pur
GFA-5
B
Brn
Blk
32 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GFA-7
A
Pur
Grn
GFA-12
A
Blk
Blu
GFA-8
A
Grn
Blk
GFA-15
A
Blk
Pur
GFA-10
A
Yel
Brn
—
General Information:
• Glass tube fuses for protection of subminiature devices.
• Tinned wire leads solder into circuit.
• Withstand high-shock and vibration.
• Color-coded for amp rating.
• Axial leads (1 1
⁄2˝ ) can be fed through wire forming machine.
Test Specifications
Wire Lead Size
Opening Time
Load
“A”
“B”
No.
Fuse
100%
4 hrs. (min.)
—
24
1
⁄200 to 5A
150%
—
10 sec. (max.)
18
6 to 12A
200%
10 sec.
—
16
15A
Carton Quantity and Weight
Amp
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
1
⁄200–15
100
0.171
52.6
*Weight per carton.
Catalog Symbol:
GLN
Sub Miniature with Radial Leads
Non Time-Delay
0.145˝ x 0.300˝ (3.7mm x 7.6mm)
Interrupting Rating:
50 AIC
Electrical Ratings (Catalog Symbol and Amps)
125 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GLN-1⁄100
A
Red
Orn
GLN-1⁄10
A
Red Red
GLN-1⁄32
A
Red
Brn
GLN-3⁄10
A
Grn
Grn
GLN-1⁄20
A
Yel
Yel
GLN-4⁄10
A
Blu
Blu
GLN-1⁄16
A
Brn
Brn
—
32 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GLN-7
A
Pur
Grn
GLN-10
A
Yel
Brn
GLN-8
A
Grn
Blk
—
General Information:
• Glass tube fuses for protection of subminiature devices.
• Tinned radial leads spaced for easy assembly on printed
circuit chassis.
• Withstand high-shock and vibration.
• Color-coded for amp rating.
• Radial leads (1 1
⁄2˝) can be fed through wire forming machine.
Test Specifications
Wire Lead Size
Opening Time
Load
“A”
“B”
No.
Fuse
110%
4 hrs. (min.)
—
24
1
⁄200 to 5A
150%
—
*10 sec. (max.)
18
6A to 10A
200%
*10 sec.
——
*Maximum time.
Carton Quantity and Weight
Amp
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
1
⁄100–10
100
0.171
52.6
*Weight per carton.
™
0712
BU-SB12568
Page 1 of 2
Data Sheet 2035


Similar Part No. - GFA-310

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GFA COOPER-GFA Datasheet
57Kb / 2P
Sub-Miniature with Leads
logo
Green Power Solutions s...
GFA0002-00 GPSEMI-GFA0002-00 Datasheet
208Kb / 2P
LINE FILTER FOR PHASE CONTROLLED CONVERTERS
logo
Safety Technology Inter...
GFA0FR SAFETYTECHNOLOGY-GFA0FR Datasheet
872Kb / 2P
STI GF FIRE ALARM PUSH BUTTON
06/25
GFA0FR-EN SAFETYTECHNOLOGY-GFA0FR-EN Datasheet
872Kb / 2P
STI GF FIRE ALARM PUSH BUTTON
06/25
GFA0FR-ES SAFETYTECHNOLOGY-GFA0FR-ES Datasheet
872Kb / 2P
STI GF FIRE ALARM PUSH BUTTON
06/25
More results

Similar Description - GFA-310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
MINIATURE PC BOARD RELAY
logo
Cooper Bussmann, Inc.
GLX-3 COOPER-GLX-3 Datasheet
130Kb / 2P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GLX-2 COOPER-GLX-2 Datasheet
130Kb / 2P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
logo
Cooper Bussmann, Inc.
GFA COOPER-GFA Datasheet
57Kb / 2P
Sub-Miniature with Leads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com