Electronic Components Datasheet Search
  English  ▼

X  

FS5UM-6 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FS5UM-6
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS5UM-6 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FS5UM-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS5UM-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS5UM-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS5UM-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS5UM-6
HIGH-SPEED SWITCHING USE
5.0
4.0
3.0
2.0
1.0
0
–50
0
50
100
150
VDS = 10V
ID = 1mA
1.4
1.2
1.0
0.8
0.6
0.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
10–4
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
23 57
23 57
23 57
23 57100 23 57101 23 57102
10–3
10–2
10–1
10–2
PDM
tw
D=
T
tw
T
D=1
0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
100
7
5
3
2
10–1
–50
101
7
5
3
2
0
50
100
150
VGS = 10V
ID = 1/2ID
Pulse Test
20
16
12
8
4
0
0
4
8
12
16
20
VDS = 50V
200V
Tch = 25°C
ID = 5A
100V
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)
20
16
12
8
4
0
0
0.8
1.6
2.4
3.2
4.0
TC = 125°C
25°C
75°C
VGS = 0V
Pulse Test



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com