Electronic Components Datasheet Search
  English  ▼

X  

BAV23 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAV23
Description  Dual high-voltage switching diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV23 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAV23 Datasheet HTML 1Page - NXP Semiconductors BAV23 Datasheet HTML 2Page - NXP Semiconductors BAV23 Datasheet HTML 3Page - NXP Semiconductors BAV23 Datasheet HTML 4Page - NXP Semiconductors BAV23 Datasheet HTML 5Page - NXP Semiconductors BAV23 Datasheet HTML 6Page - NXP Semiconductors BAV23 Datasheet HTML 7Page - NXP Semiconductors BAV23 Datasheet HTML 8Page - NXP Semiconductors BAV23 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 19 March 2010
5 of 13
NXP Semiconductors
BAV23 series
Dual high-voltage switching diodes
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Based on square wave currents.
Tj =25 C; prior to surge
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Fig 3.
Reverse current as a function of reverse voltage; typical values
VF (V)
0
1.6
1.2
0.4
0.8
006aab212
200
400
600
IF
(mA)
0
(1)
(3)
(4)
(2)
mbg703
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102
006aab213
102
IR
(
μA)
VR (V)
0
250
200
100
150
50
10
1
10−1
10−2
10−3
10−4
10−5
(4)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com