Electronic Components Datasheet Search
  English  ▼

X  

2N2907AHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 1 Page - STMicroelectronics

  2N2907AHR Datasheet HTML 1Page - STMicroelectronics 2N2907AHR Datasheet HTML 2Page - STMicroelectronics 2N2907AHR Datasheet HTML 3Page - STMicroelectronics 2N2907AHR Datasheet HTML 4Page - STMicroelectronics 2N2907AHR Datasheet HTML 5Page - STMicroelectronics 2N2907AHR Datasheet HTML 6Page - STMicroelectronics 2N2907AHR Datasheet HTML 7Page - STMicroelectronics 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
September 2013
DocID15382 Rev 6
1/21
2N2907AHR
Hi-Rel 60 V, 0.6 A PNP transistor
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Hermetic packages
• ESCC and JANS qualified
• European preferred part list EPPL
Description
The 2N2907AHR is a silicon planar PNP
transistor specifically designed and housed in
hermetic packages for aerospace and Hi-Rel
applications. It is available in the JAN qualification
system (MIL-PRF19500 compliance) and in the
ESCC qualification system (ESCC 5000
compliance). In case of discrepancies between
this datasheet and the relevant agency
specification, the latter takes precedence.
TO-18
LCC-3
3
1
2
3
1
2
3
1
2
4
Pin 4 in UB is connected to the metallic lid.
UB
Parameter
Value
BV
CEO
60 V
I
C
(max)
0.6 A
H
FE
at 10 V - 150 mA
> 100
Table 1. Device summary
Device
Qualification
system
Agency specification
Package
Radiation level
EPPL
JANS2N2907AUBx
JANS
MIL-PRF-19500/291
UB
-
-
2N2907ARUBx
ESCC
5202/001
UB
100 krad ESCC
Target
2N2907AUB0xSW35
ESCC
5202/001
UB
100 krad SW
-
2N2907AUB0x
ESCC
5202/001
UB
-
Target
SOC2907ARHRx
ESCC
5202/001
LCC-3
100 krad ESCC
Yes
SOC2907ASW35
ESCC
5202/001
LCC-3
100 krad SW
-
SOC2907AHRB
ESCC
5202/001
LCC-3
-
Yes
2N2907ARHRx
ESCC
5202/001
TO-18
100 krad ESCC
-
2N2907ASW35
ESCC
5202/001
TO-18
100 krad SW
-
2N2907AHR
ESCC
5202/001
TO-18
-
-
www.st.com


Similar Part No. - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
Hi-Rel 60 V - 0.6 A PNP transistor
14-May-2012
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
More results

Similar Description - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
Hi-Rel 40 V - 0.8 A NPN transistor
14-May-2012
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
Hi-Rel NPN bipolar transistor 60 V - 50 mA
09-Jul-2010
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
Hi-Rel PNP bipolar transistor 60 V, 0.6 A
04-Oct-2012
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
Hi-Rel 60 V - 0.6 A PNP transistor
14-May-2012
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
Hi-Rel PNP bipolar transistor 80 V - 5 A
12-Sep-2012
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
Hi-Rel NPN bipolar transistor 80 V - 5 A
12-Sep-2012
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
Hi-Rel PNP bipolar transistor 150 V, 0.5 A
10-Oct-2012
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
Hi-Rel NPN bipolar transistor 160 V - 0.5 A
12-Jul-2010
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com