Electronic Components Datasheet Search
  English  ▼

X  

CMF05 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMF05
Description  High-Speed Rectifier Applications (Fast Recovery)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMF05 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMF05 Datasheet HTML 1Page - Toshiba Semiconductor CMF05 Datasheet HTML 2Page - Toshiba Semiconductor CMF05 Datasheet HTML 3Page - Toshiba Semiconductor CMF05 Datasheet HTML 4Page - Toshiba Semiconductor CMF05 Datasheet HTML 5Page - Toshiba Semiconductor CMF05 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMF05
2010-02-17
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward voltage
VFM
IFM = 0.5 A (pulse test)
⎯
⎯
2.7
V
Repetitive peak reverse current
IRRM
VRRM = 800 V (pulse test)
⎯
⎯
50
μA
Reverse recovery time
trr
IF = 1 A, di/dt = −30 A/μs
⎯
⎯
100
ns
Forward recovery time
tfr
IF = 1 A
⎯
550
⎯
ns
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
(soldering land: 2 mm
× 2 mm)
(board thickness: 0.64 mm)
⎯
⎯
60
Device mounted on a glass-epoxy
board
(board size: 50 mm
× 50 mm)
(soldering land: 6 mm
× 6 mm)
(board thickness: 1.6 mm )
⎯
⎯
135
Thermal resistance
Rth (j-a)
Device mounted on a glass-epoxy
board
(board size: 50 mm
× 50 mm)
(soldering land: 2.1 mm
× 1.4 mm)
(board thickness: 1.6 mm)
⎯
⎯
210
°C/W
Thermal resistance (junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
16
°C/W
Marking
Standard Soldering Pad
Abbreviation Code
Part No.
F5
CMF05
Handling Precautions
1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a
moment. Do not exceed any of these ratings.
The following are the general derating methods we recommend for designing a circuit using this device.
VRRM: We recommend that the worst-case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit; and no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient (0.1%/℃). Be sure to take this temperature coefficient into account when
designing a device for use at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV).
Carry out sufficient heat design. If it is not possible to design a circuit with excellent heat radiation, set a margin by
using an allowable Ta max-IF(AV) curve.
IFSM: This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which seldom
occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the device be used
at a Tj of below 100°C.
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com