Electronic Components Datasheet Search
  English  ▼

X  

AIC1782CS Datasheet(PDF) 13 Page - Analog Intergrations Corporation

Part # AIC1782CS
Description  Dual-Battery Charge Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1782CS Datasheet(HTML) 13 Page - Analog Intergrations Corporation

Back Button AIC1782CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 13Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 14Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 15Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 16Page - Analog Intergrations Corporation AIC1782CS Datasheet HTML 17Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AIC1782
18
∆
∆
V
T
0.72V
0.29V
TH TL
0.43V
TH TL
TS
BASE
CC
CC
CC
=
−
−
=
−
(b) Determine the safety timer to obtain the
value of
∆tBASE .
∆t
(sec.) =
56(sec.)
Safety Timer
BASE
80(min.)
(min.)
×
(c) Determine the expected slope of ∆∆
T / t at
which temperature rises y
°C in x seconds
and fast charge is subsequently cut off.
∆
∆
T
t
y
x
=
(d) Calculate the value of VADJ
V25
V
T
T
t
t
ADJ
TS
BASE
BASE
=×
×
×
∆
∆
∆
∆
∆
Example
(a) Let TH=50
°C, TL=0°C, VCC =5V. We have
∆
∆
V
T
0. 43
5
50
0
0. 043 V / C
TS
BASE
=
×
−
=°
which means that VTS decreases 43mV
as temperature rises 1
°C.
(b) If safety timer is equal to 80 minutes,
∆tBASE
is then 56 seconds.
(c) If fast charge should be terminated when
temperature rises 1
°C in 60 seconds, then
∆∆
T/ t =
1
60
0.0166
=
(d) VADJ =25 x 0.043 x 0.0166 x 56 = 1(V)
If the temperature range is from 0
°C to
50
°C, the voltage of VADJ under different
setting conditions should be set as tabulat-
ed below.
TABLE. 3 ADJ Pin Voltage (TL=0
°°°°C, TH=50°°°°C)
∆∆
T / t
S.T.
0.75
(
°C/min.)
1.0
(
°C/min.)
1.25
(
°C/min.)
40 min. (2C)
0.37
0.5
0.63
80 min. (1C)
0.75
1.0
1.25
120 min. (0.67C)
1.12
1.5
1.87
160 min. (0.5C)
1.5
2.0
2.5
200 min. (0.4C)
1.87
2.5
3.12
240 min. (0.33C)
2.25
3.0
3.75
A similar table for temperature range from 0
°C
to 60
°C is as below.
TABLE. 4
ADJ Pin Voltage (TL=0
°°°°C,
TH=60
°°°°C)
∆∆
T / t
S.T.
0.75
(
°C/min.)
1.0
(
°C/min.)
1.25
(
°C/min.)
40 min. (2C)
0.31
0.42
0.52
80 min. (1C)
0.62
0.84
1.05
120 min. (0.67C)
0.94
1.25
1.56
160 min. (0.5C)
1.25
1.67
2.08
200 min. (0.4C)
1.56
2.08
2.60
240 min. (0.33C)
1.87
2.5
3.12
Setting the Period of Safety Timer
The AIC1782 provides a method for linearly
adjusting the period of safety timer with an ex-
ternal resistor connected from TMR pin to GND.
The relation between safety timer length and
the external resistor (RTMR) is shown in Fig. 4.
The table following shows the resistor values for
some of the commonly chosen safety timer pe-
riods. Also shown in the table is their corre-
sponding oscillator frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com