Electronic Components Datasheet Search
  English  ▼

X  

AIC1783CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1783CS
Description  Battery Charge Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1783CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1783CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1783CS Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AIC1783
6
n BLOCK DIAGRAM
Charge Control
State Machine
REF
ICON
LED
VBT
Battery
Voltage
Protection
13-bit
A/D
Display
Control
Unit
Charge
Control Unit
TIMER
Oscillator
VCC
GND
Bandgap
Reference
&
Voltage
Regulator
MODE
MODE
Selection
Battery Voltage
Protection Setting
n PIN DESCRIPTIONS
PIN 1: REF-
Reference voltage input,
acceptable voltage range :
(VCC-1.4V) ~ (0.5VCC-0.4V)
PIN 2:
TIMER- Determining the period of
safety timer with an external
resistor connected to GND.
PIN 3:
MODE- Determining the mode of
operation for the AIC1783.
PIN 4:
GND-
Power ground.
PIN 5:
LED-
Open-drained output used to
indicate the battery charging
status.
PIN 6:
ICON- Open-drained output, used to
control the charging current to
the battery.
PIN 7: VBT-
Divided battery voltage input to
sense the battery voltage.
PIN 8:
VCC-
Power supply input at 5V
±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com