Electronic Components Datasheet Search
  English  ▼

X  

AD8205 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8205
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices AD8205 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8417
OUTPUT OFFSET ADJUSTMENT
The output of the AD8417 can be adjusted for unidirectional or
bidirectional operation.
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the AD8417 to measure currents
through a resistive shunt in one direction. The basic modes for
unidirectional operation are ground referenced output mode
and VS referenced output mode.
For unidirectional operation, the output can be set at the negative
rail (near ground) or at the positive rail (near VS) when the
differential input is 0 V. The output moves to the opposite rail
when a correct polarity differential input voltage is applied. The
required polarity of the differential input depends on the output
voltage setting. If the output is set at the positive rail, the input
polarity must be negative to decrease the output. If the output is
set at ground, the polarity must be positive to increase the output.
Ground Referenced Output Mode
When using the AD8417 in ground referenced output mode, both
referenced inputs are tied to ground, which causes the output to sit
at the negative rail when there are zero differential volts at the input
(see Figure 27).
–
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
Figure 27. Ground Referenced Output
VS Referenced Output Mode
VS referenced output mode is set when both reference pins are tied
to the positive supply. It is typically used when the diagnostic
scheme requires detection of the amplifier and the wiring before
power is applied to the load (see Figure 28).
–
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
Figure 28. VS Referenced Output
BIDIRECTIONAL OPERATION
Bidirectional operation allows the AD8417 to measure currents
through a resistive shunt in two directions.
In this case, the output is set anywhere within the output range.
Typically, it is set at half-scale for equal range in both directions.
In some cases, however, it is set at a voltage other than half scale
when the bidirectional current is nonsymmetrical.
Adjusting the output is accomplished by applying voltage(s) to
the referenced inputs. VREF1 and VREF2 are tied to internal
resistors that connect to an internal offset node. There is no
operational difference between the pins.
Rev. 0 | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com