Electronic Components Datasheet Search
  English  ▼

X  

AD8207 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8207
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8207 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8207 Datasheet HTML 8Page - Analog Devices AD8207 Datasheet HTML 9Page - Analog Devices AD8207 Datasheet HTML 10Page - Analog Devices AD8207 Datasheet HTML 11Page - Analog Devices AD8207 Datasheet HTML 12Page - Analog Devices AD8207 Datasheet HTML 13Page - Analog Devices AD8207 Datasheet HTML 14Page - Analog Devices AD8207 Datasheet HTML 15Page - Analog Devices AD8207 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8417
Data Sheet
EXTERNAL REFERENCED OUTPUT
Tying both pins together and to a reference produces an output
equal to the reference voltage when there is no differential input
(see Figure 29). The output decreases the reference voltage when
the input is negative, relative to the −IN pin, and increases when
the input is positive, relative to the −IN pin.
–
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
2.5V
Figure 29. External Referenced Output
SPLITTING THE SUPPLY
By tying one reference pin to VS and the other to the ground pin,
the output is set at half of the supply when there is no differential
input (see Figure 30). The benefit of this configuration is that
an external reference is not required to offset the output for
bidirectional current measurement. Tying one reference pin
to VS and the other to the ground pin creates a midscale offset
that is ratiometric to the supply, which means that if the supply
increases or decreases, the output remains at half the supply. For
example, if the supply is 5.0 V, the output is at half scale or 2.5 V.
If the supply increases by 10% (to 5.5 V), the output increases
to 2.75 V.
–
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
Figure 30. Split Supply
SPLITTING AN EXTERNAL REFERENCE
Use the internal reference resistors to divide an external reference
by 2 with an accuracy of approximately 0.5%. Split an external
reference by connecting one VREFx pin to ground and the other
VREFx pin to the reference (see Figure 31).
–
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
5V
Figure 31. Split External Reference
Rev. 0 | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com