Electronic Components Datasheet Search
  English  ▼

X  

1V09 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1V09
Description  through-hole or SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1V09 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1V09 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1V09 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1V09 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1V09 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1V09 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1V09 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1V09 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HOW TO ORDER
Dimensions (w/LED)
Dimensions (through-hole)
Dimensions (SMD)
Switch
Cap
Mounting
T through-hole
S surface mount
L6 low temp.
H9 high temp.
3F
+
Switch
Ordering example: 3FTL644 + 1V16
Mounting
T through-hole
LED
23 green
44 yellow
88 red
L6 low temp.
H9 high temp.
3F
T
+
00 blue
03 grey
08 red
09 black
custom colours on request
Cap
transparent white
Ø= 0.9
2.54
10.16
Ø= 0.9
2.54
10.16
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
high temp:
PCB layout
PCB layout
(top wiew)
PCB layout
3F+1T/1U/1V
Standard versions:
3FTL6
3FTH9
3FSH9
3FSH9R
Standard versions:
3FTL622
3FTL644
3FTL688
1 6
1T
1U
1V
1T
1U
1V
12.0
ø10.6
ø12.0
0.3
Min. 10.16
Max 12.5
7.6 0.5
±
10.6
Min 10.16
Max 12.5
0.3
7.6 0.5
±
5.3
14.0
7.6
12.0
13.75
14.65
0.8
0.8
0.8
-40/+115ºC
-40/+160ºC
mec Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . E-mail: danmec@mec.dk . www.mec.dk.
multimec®


Similar Part No. - 1V09

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
1V095 NTE-1V095 Datasheet
67Kb / 3P
High Transient Current Capability
More results

Similar Description - 1V09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3FTL6 ETC1-3FTL6 Datasheet
33Kb / 1P
through-hole or SMD / 50mA/24VDC / single pole/momentary
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
through-hole or SMD
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
SMD & Through-hole Sealed Key Switch
logo
List of Unclassifed Man...
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
Through-hole or SMD
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
through-hole or SMD
logo
Visual Communications C...
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
for use with surface-mount or through-hole LEDs
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
for use with surface-mount or through-hole LEDs
logo
Delta Electronics, Inc.
S48SP DELTA-S48SP Datasheet
448Kb / 14P
SMD and Through-hole versions
V48SH DELTA-V48SH Datasheet
798Kb / 14P
SMD and through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
SMD and through-hole versions
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com