Electronic Components Datasheet Search
  English  ▼

X  

280522-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 280522-2
Description  Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

280522-2 Datasheet(HTML) 1 Page - Tyco Electronics

  280522-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1773443-6
Revise May 2007
www.tycoelectronics.com
24
Internal Equipment Connection
Wire-to-Board for Discrete Wire 2.54mm Centreline
AMPMODU MOD II Shrouded Headers
Single Row Straight
Specification:
Housing
- Black thermoplastic
UL 94V-0
Contacts
- Brass (gold plating) or
phosphor bronze (tin plating)
Current Rating - 3A
Mating Connectors:
MOD II Receptacle Housings - Page 23
I
Single and double row
I
Straight or right angle
I
Built-in polarisation and latching
I
Gold or tin plated contacts
I
0.63mm square posts
Single Row Right Angle
No. of
Dimension
Part Number
Positions
A
0.4µm Gold
Tin
2
7.7
280370-2
280370-1
4
12.7
280371-2
280371-1
6
17.8
280372-2
280372-1
8
22.9
280373-2
280373-1
10
28.0
280374-2
280374-1
15
40.7
280375-2
280375-1
No. of
Dimension
Part Number
Positions
A
0.4µm Gold
Tin
2
7.7
280377-2
280377-1
4
12.7
280378-2
280378-1
6
17.8
280379-2
280379-1
8
22.9
280380-2
280380-1
10
28.0
280381-2
280381-1
15
40.7
280382-2
280382-1
Double Row Straight
Double Row Right Angle
No. of
Dimension
Part Number
Positions
A
0.4µm Gold
Tin
2 x 4
12.7
280384-2
280384-1
2 x 8
22.9
280385-2
280385-1
2 x 12
33.1
280521-2
280521-1
2 x 15
40.7
280387-2
280387-1
No. of
Dimension
Part Number
Positions
A
0.4µm Gold
Tin
2 x 4
12.7
280389-2
280389-1
2 x 8
22.9
280390-2
280390-1
2 x 12
33.1
280522-2
280522-1
2 x 15
40.7
280392-2
280392-1


Similar Part No. - 280522-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
280522-2 ETC2-280522-2 Datasheet
194Kb / 1P
AMPMODU HEADER ASS.IES,R,ANGLE,DOUBLE ROW
More results

Similar Description - 280522-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
Discrete Wire-to-Board; Poke-Home
009276008021106 AVX-009276008021106 Datasheet
704Kb / 8P
Discrete Wire-to-Board; Poke-Home
logo
Hirose Electric
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
logo
List of Unclassifed Man...
4071-XXTXB ETC-4071-XXTXB Datasheet
167Kb / 1P
2.54mm Wire to Board
Ver.No. B3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com