| Electronic Components Datasheet Search |
|
PIC18F2585 Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2585 Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 14 page ![]() © 2007 Microchip Technology Inc. DS80202G-page 9 PIC18F2585/2680/4585/4680 28. Module: MSSP When the MSSP is configured for SPI mode, the Buffer Full Status bit, BF (SSPSTAT<0>), should not be polled in software to determine when the transfer is complete. Work around Copy the SSPSTAT register into a variable and perform the bit test on the variable. In Example 5, SSPSTAT is copied into the working register where the bit test is performed. EXAMPLE 5: A second option is to poll the Master Synchronous Serial Port Interrupt Flag bit, SSPIF (PIR1<3>). This bit can be polled and will set when the transfer is complete. Date Codes that pertain to this issue: All engineering and production devices. 29. Module: Reset This version of silicon does not support the func- tionality described in Note 1 of parameter D002 in Section 27.1 “DC Characteristics: Supply Voltage” of the Device Data Sheet. The RAM content may be altered during a Reset event if the following conditions are met. • Device is accessing RAM. • Asynchronous Reset (i.e., WDT, BOR or MCLR occurs when a write operation is being executed (start of a Q4 cycle). Work around None. Date Codes that pertain to this issue: All engineering and production devices. 30. Module: ECAN™ Technology Under specific conditions, the first five bits of a transmitted identifier may not match the value in the Transmit Buffer ID register, TXBnSIDH. The following conditions must exist for the corruption to occur: 1. A transmit message must be pending. 2. The ECAN module must detect a Start-Of- Frame (SOF) in the third bit of interframe space. Work around None. Date Codes that pertain to this issue: All engineering and production devices. 31. Module: ECAN™ Technology The Error Interrupt Flag, ERRIF (PIR3<5>), may not be able to clear in software after either of the following counter registers exceeds 127. • Transmit Error Counter Register TXERRCNT • Receive Error Counter Register RXERRCNT Work around Monitor the EWARN (COMSTAT<0>) bit to deter- mine if either the TXERRCNT or the RXERRCNT exceeds 95 and clear the ERRIF flag before either counter reaches 127. Date Codes that pertain to this issue: All engineering and production devices. 32. Module: ECAN™ Technology Following an error on the bus, the ECAN module is unable to switch from Listen Only mode directly to Configuration mode. Work around Use the REQOP (CANCON<7:5>) bits to select Normal mode as an intermediate step when switching from Listen Only mode to Configuration mode. Date Codes that pertain to this issue: All engineering and production devices. loop_MSB: MOVF SSPSTAT, W BTFSS WREG, BF BRA loop_MSB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |