Electronic Components Datasheet Search
  English  ▼

X  

PIC18F2680 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC18F2680
Description  PIC18F2585/2680/4585/4680 Rev. A1 Silicon Errata
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680 Datasheet(HTML) 2 Page - Microchip Technology

  PIC18F2680 Datasheet HTML 1Page - Microchip Technology PIC18F2680 Datasheet HTML 2Page - Microchip Technology PIC18F2680 Datasheet HTML 3Page - Microchip Technology PIC18F2680 Datasheet HTML 4Page - Microchip Technology PIC18F2680 Datasheet HTML 5Page - Microchip Technology PIC18F2680 Datasheet HTML 6Page - Microchip Technology PIC18F2680 Datasheet HTML 7Page - Microchip Technology PIC18F2680 Datasheet HTML 8Page - Microchip Technology PIC18F2680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PIC18F2585/2680/4585/4680
DS80202G-page 2
© 2007 Microchip Technology Inc.
5. Module: ECCP
The auto-shutdown source, FLT0, has inverse
polarity from the description in Section 16.4.7
“Enhanced PWM Auto-Shutdown” of the Device
Data Sheet. A logic, high-voltage level on FLT0 will
generate a shutdown on ECCP1.
Work around
Invert the logic in the program’s source code.
Date Codes that pertain to this issue:
All engineering and production devices.
6. Module: ECCP
If a Halt command is issued while debugging with
the In-Circuit Debugger (MPLAB® ICD 2), the
ECCP module may freeze completely. However, if
a shutdown is enabled and triggered by the FLT0
pin, the ECCPASE bit is set and the outputs are
driven to their shutdown state, as defined by the
PSSAC1:PSSAC0 and PSSBD1:PSSBD0 bits,
regardless of the debugging process being
stopped.
Work around
None.
Date Codes that pertain to this issue:
All engineering and production devices.
7. Module: ECCP
In 10-Bit Addressing mode, when a Repeated Start
is issued followed by the high address byte and a
Write command, an ACK is not issued.
Work around
There are two work arounds available:
1. Single-Master Environment:
In a single-master environment, the user must
issue a Stop, then a Start, followed by a write
to the address high, then the address low
followed by the data.
2. Multi-Master Environment:
In a multi-master environment, the user must
issue a Repeated Start, send a dummy Write
command to a different address, issue another
Repeated Start and then send a write to the
original address. This procedure will prevent
loss of the bus.
Date Codes that pertain to this issue:
All engineering and production devices.
8. Module: ECCP and CCP
When ECCP1 and CCP1 are configured for PWM
mode, with 1:1 Timer2 prescaler and duty cycle set
to the period minus 1, this may result in the PWM
output(s) remaining at a logic low level.
Clearing the PR2 register to select the fastest
period may also result in the output(s) remaining at
a logic low output level.
Work around
To ensure a reliable waveform, verify that the
selected duty cycle does not equal the 10-bit
period minus 1 prior to writing these locations, or
use 1:4 or 1:16 Timer2 prescale. Also, verify the
PR2 register is not written to 00h.
All other duty cycle and period settings will function
as described in the Device Data Sheet.
The ECCP and CCP modules remain capable of
10-bit accuracy.
Date Codes that pertain to this issue:
All engineering and production devices.
9. Module: Timer1/Timer3
When Timer1 or Timer3 is configured for an
external clock source and the CCP1CON or
ECCP1CON register is configured with 0x0B
(Compare mode, trigger special event), the timer is
not reset on a Special Event Trigger.
Work around
Modify firmware to reset the Timer registers upon
detection of the compare match condition – TMRxL
and TMRxH.
Date Codes that pertain to this issue:
All engineering and production devices.
10. Module: Timer1/Timer3
When the Timer1/Timer3 is in External Clock
Synchronized mode and the external clock period
is between 1 and 2 TCY, interrupts may
occasionally be skipped.
Work around
None
Date Codes that pertain to this issue:
All engineering and production devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com