Electronic Components Datasheet Search
  English  ▼

X  

AD8418 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8418
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8418 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8418 Datasheet HTML 2Page - Analog Devices AD8418 Datasheet HTML 3Page - Analog Devices AD8418 Datasheet HTML 4Page - Analog Devices AD8418 Datasheet HTML 5Page - Analog Devices AD8418 Datasheet HTML 6Page - Analog Devices AD8418 Datasheet HTML 7Page - Analog Devices AD8418 Datasheet HTML 8Page - Analog Devices AD8418 Datasheet HTML 9Page - Analog Devices AD8418 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8418
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
–10
–8
–6
–4
–2
0
2
4
6
8
10
–
40
–
25
–
10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
Figure 3. Typical Offset Drift vs. Temperature
50
60
70
80
90
100
110
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 4. Typical CMRR vs. Frequency
–500
–400
–300
–200
–100
0
100
200
300
400
500
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
NORMALIZED AT 25°C
Figure 5. Typical Gain Error vs. Temperature
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 6. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
–2
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
DIFFERENTIAL INPUT VOLTAGE (mV)
Figure 7. Total Output Error vs. Differential Input Voltage
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
VCM (V)
–4 0 4 8 12 16 20 24 28 32 36 40 44 48 52 56 60 64 68 72 76 80
VS = 5V
+IN
–IN
Figure 8. Bias Current per Input Pin vs. Common-Mode Voltage (VCM)
Rev. 0 | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com