Electronic Components Datasheet Search
  English  ▼

X  

OP470 Datasheet(PDF) 3 Page - Analog Devices

Part # OP470
Description  Very low noise, quad, operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470 Datasheet(HTML) 3 Page - Analog Devices

  OP470 Datasheet HTML 1Page - Analog Devices OP470 Datasheet HTML 2Page - Analog Devices OP470 Datasheet HTML 3Page - Analog Devices OP470 Datasheet HTML 4Page - Analog Devices OP470 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OP470
Very low noise, quad, operational amplifier
ASD0013059 Rev. B
25-Sep-07
Page 3 of 5
Table I - Electrical Characteristics (continued)
Parameter
Symbol
Conditions
1/
Sub-
groups
Limit
Min
Limit
Max
Units
Output Voltage Swing 4/
VOP
RL = 2Kohm
4, 5, 6,
±12
V
No Load
1, 2, 3
11
Supply Current 2/
ISY
M, D, L, R
1
11
mA
Input Voltage Range 4/
IVR
1, 2, 3
±11
V
Slew Rate 4/
SR
AVLC = +21, RL = 10kΩ
7
1.4
V/
μV
1
110
Common Mode Rejection 4/ CMR
VCM = IVR 3/
2, 3
100
dB
1
1.8
Power Supply Rejection
Ratio 4/
PSRR
VS = ±4.5V to ±18V
2, 3
5.6
μV/V
Table I Notes:
1/ VS = ±15V, RS = 50Ω, unless otherwise specified.
2/ ISY limit equals the total of all four amplifiers.
3/ IVR is defined as the VCM range used for the CMR test.
4/ Not tested Post Irradiation.
4.1
Electrical Test Requirements:
Table II
Test Requirements
Subgroups (in accordance with
MIL-PRF-38535, Table III)
Interim Electrical Parameters
1
Final Electrical Parameters
1, 2, 3, 4, 5, 6
1/ 2/
Group A Test Requirements
1, 2, 3, 4, 5, 6, 7
Group C end-point electrical parameters
1, 2, 3 2/
Group D end-point electrical parameters
1
Group E end-point electrical parameters
1
1/ PDA applies to Subgroup 1 only. Delta's excluded from PDA.
2/ See Table III for delta parameters. See table I for conditions.
4.2
Life Test and Burn-In Delta Limits:
Table III
TEST
BURN-IN
LIFETEST
DELTA
TITLE
ENDPOINT
ENDPOINT
LIMIT
UNITS
VIO
±0.4
±0.5
±0.1
mV
IIB
±25
±30
±5
nA
IIO
±10
±15
±5
nA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com