Electronic Components Datasheet Search
  English  ▼

X  

ADV7281-MA Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7281-MA
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281-MA Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7281-MA Datasheet HTML 17Page - Analog Devices ADV7281-MA Datasheet HTML 18Page - Analog Devices ADV7281-MA Datasheet HTML 19Page - Analog Devices ADV7281-MA Datasheet HTML 20Page - Analog Devices ADV7281-MA Datasheet HTML 21Page - Analog Devices ADV7281-MA Datasheet HTML 22Page - Analog Devices ADV7281-MA Datasheet HTML 23Page - Analog Devices ADV7281-MA Datasheet HTML 24Page - Analog Devices ADV7281-MA Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 21 of 32
ADAPTIVE CONTRAST ENHANCEMENT (ACE)
The ADV7281/ADV7281-M/ADV7281-MA can increase the
contrast of an image depending on the content of the picture,
allowing bright areas to be made brighter and dark areas to be
made darker. The optional ACE feature enables the contrast
within dark areas to be increased without significantly affecting
the bright areas. The ACE feature is particularly useful in
automotive applications, where it can be important to discern
objects in shaded areas.
The ACE function is disabled by default. To enable the ACE
function, execute the register writes shown in Table 18. To
disable the ACE function, execute the register writes shown
in Table 19.
Table 18. Register Writes to Enable the ACE Function
Register Map
Register Address
Register Write
Description
User Sub Map (0x40 or 0x42)
0x0E
0x40
Enter User Sub Map 2
User Sub Map 2 (0x40 or 0x42)
0x80
0x80
Enable ACE
User Sub Map 2 (0x40 or 0x42)
0x0E
0x00
Reenter user sub map
Table 19. Register Writes to Disable the ACE Function
Register Map
Register Address
Register Write
Description
User Sub Map (0x40 or 0x42)
0x0E
0x40
Enter User Sub Map 2
User Sub Map 2 (0x40 or 0x42)
0x80
0x00
Disable ACE
User Sub Map 2 (0x40 or 0x42)
0x0E
0x00
Reenter user sub map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com