Electronic Components Datasheet Search
  English  ▼

X  

AD633JRZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD633JRZ
Description  Low Cost Analog Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ Datasheet(HTML) 4 Page - Analog Devices

  AD633JRZ Datasheet HTML 1Page - Analog Devices AD633JRZ Datasheet HTML 2Page - Analog Devices AD633JRZ Datasheet HTML 3Page - Analog Devices AD633JRZ Datasheet HTML 4Page - Analog Devices AD633JRZ Datasheet HTML 5Page - Analog Devices AD633JRZ Datasheet HTML 6Page - Analog Devices AD633JRZ Datasheet HTML 7Page - Analog Devices AD633JRZ Datasheet HTML 8Page - Analog Devices AD633JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD633
Rev. J | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VS = ±15 V, RL ≥ 2 kΩ.
Table 1.
AD633J, AD633A
Parameter
Conditions
Min
Typ
Max
Unit
TRANSFER FUNCTION
(
)(
)
Z
Y2
Y1
X2
X1
W
+
−
−
=
V
10
MULTIPLIER PERFORMANCE
Total Error
−10 V ≤ X, Y ≤ +10 V
±1
±21
% full scale
TMIN to TMAX
±3
% full scale
Scale Voltage Error
SF = 10.00 V nominal
±0.25%
% full scale
Supply Rejection
VS = ±14 V to ±16 V
±0.01
% full scale
Nonlinearity, X
X = ±10 V, Y = +10 V
±0.4
±11
% full scale
Nonlinearity, Y
Y = ±10 V, X = +10 V
±0.1
±0.41
% full scale
X Feedthrough
Y nulled, X = ±10 V
±0.3
±11
% full scale
Y Feedthrough
X nulled, Y = ±10 V
±0.1
±0.41
% full scale
Output Offset Voltage2
±5
±501
mV
DYNAMICS
Small Signal Bandwidth
VO = 0.1 V rms
1
MHz
Slew Rate
VO = 20 V p-p
20
V/µs
Settling Time to 1%
ΔVO = 20 V
2
µs
OUTPUT NOISE
Spectral Density
0.8
µV/√Hz
Wideband Noise
f = 10 Hz to 5 MHz
1
mV rms
f = 10 Hz to 10 kHz
90
µV rms
OUTPUT
Output Voltage Swing
±111
V
Short Circuit Current
RL = 0 Ω
30
401
mA
INPUT AMPLIFIERS
Signal Voltage Range
Differential
±101
V
Common mode
±101
V
Offset Voltage (X, Y)
±5
±301
mV
CMRR (X, Y)
VCM = ±10 V, f = 50 Hz
601
80
dB
Bias Current (X, Y, Z)
0.8
2.01
µA
Differential Resistance
10
MΩ
POWER SUPPLY
Supply Voltage
Rated Performance
±15
V
Operating Range
±81
±181
V
Supply Current
Quiescent
4
61
mA
1
This specification was tested on all production units at electrical test. Results from those tests are used to calculate outgoing quality levels. All minimum and maximum
specifications are guaranteed; however, only this specification was tested on all production units.
2
Allow approximately 0.5 ms for settling following power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com