Electronic Components Datasheet Search
  English  ▼

X  

AD707AH Datasheet(PDF) 3 Page - Analog Devices

Part # AD707AH
Description  Ultralow Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707AH Datasheet(HTML) 3 Page - Analog Devices

  AD707AH Datasheet HTML 1Page - Analog Devices AD707AH Datasheet HTML 2Page - Analog Devices AD707AH Datasheet HTML 3Page - Analog Devices AD707AH Datasheet HTML 4Page - Analog Devices AD707AH Datasheet HTML 5Page - Analog Devices AD707AH Datasheet HTML 6Page - Analog Devices AD707AH Datasheet HTML 7Page - Analog Devices AD707AH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD707
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
28-pin plastic package:
θ
JA = 165°C/Watt; 8-pin cerdip package: θJA = 110 °C/Watt;
8-pin small outline package:
θ
JA = 155 °C/Watt; 8-pin header package: θJA =
200
°C/Watt.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD707AH
–40
°C to +85°C
8-Pin Metal Can
H-08A
AD707AQ
–40
°C to +85°C
8-Pin Ceramic DIP
Q-8
AD707AR
–40
°C to +85°C
8-Pin Plastic SOIC
SO-8
AD707AR-REEL
–40
°C to +85°C
8-Pin Plastic SOIC
SO-8
AD707AR-REEL7
–40
°C to +85°C
8-Pin Plastic SOIC
SO-8
AD707BQ
–40
°C to +85°C
8-Pin Ceramic DIP
Q-8
AD707JN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD707JR
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707JR-REEL
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707JR-REEL7
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707KN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD707KR
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707KR-REEL
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707KR-REEL7
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
0.059
(1.51)
NULL
8
+VS
7
6
VOUT
4
–VS
3
+IN
2
–IN
1
NULL
0.110 (2.79)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD707 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com