Electronic Components Datasheet Search
  English  ▼

X  

AD743 Datasheet(PDF) 3 Page - Analog Devices

Part # AD743
Description  Ultralow Noise BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD743 Datasheet(HTML) 3 Page - Analog Devices

  AD743 Datasheet HTML 1Page - Analog Devices AD743 Datasheet HTML 2Page - Analog Devices AD743 Datasheet HTML 3Page - Analog Devices AD743 Datasheet HTML 4Page - Analog Devices AD743 Datasheet HTML 5Page - Analog Devices AD743 Datasheet HTML 6Page - Analog Devices AD743 Datasheet HTML 7Page - Analog Devices AD743 Datasheet HTML 8Page - Analog Devices AD743 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. E
AD743
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD743 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD743J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; and functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2 8-lead PDIP:
JA = 100
°C/W,
JC = 30
°C/W.
16-lead SOIC: JA = 100
°C/W,
JC = 30
°C/W.
ESD SUSCEPTIBILITY
An ESD classification per method 3015.6 of MIL-STD-883C has
been performed on the AD743. The AD743 is a Class 1 device,
passing at 1000 V and failing at 1500 V on null Pins 1 and 5,
when tested, using an IMCS 5000 automated ESD tester. Pins
other than null pins fail at greater than 2500 V.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
*
AD743JN
0
°C to 70°C
N-8
AD743JR-16
0
°C to 70°C
R-16
AD743JR-16-REEL
0
°C to 70°CTape and Reel
AD743JR-16-REEL7
0
°C to 70°CTape and Reel
*N = PDIP; R = SOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com