Electronic Components Datasheet Search
  English  ▼

X  

18F8680 Datasheet(PDF) 168 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 168 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 164Page - Microchip Technology 18F8680 Datasheet HTML 165Page - Microchip Technology 18F8680 Datasheet HTML 166Page - Microchip Technology 18F8680 Datasheet HTML 167Page - Microchip Technology 18F8680 Datasheet HTML 168Page - Microchip Technology 18F8680 Datasheet HTML 169Page - Microchip Technology 18F8680 Datasheet HTML 170Page - Microchip Technology 18F8680 Datasheet HTML 171Page - Microchip Technology 18F8680 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 166
 2004 Microchip Technology Inc.
14.2
Timer1 Oscillator
The Timer1 oscillator may be used as the clock source
for Timer3. The Timer1 oscillator is enabled by setting
the T1OSCEN (T1CON<3>) bit. The oscillator is a low-
power oscillator rated up to 200 kHz. See Section 12.0
“Timer1 Module” for further details.
14.3
Timer3 Interrupt
The TMR3 register pair (TMR3H:TMR3L) increments
from 0000h to 0FFFFh and rolls over to 0000h. The
TMR3 interrupt, if enabled, is generated on overflow
which is
latched in interrupt
flag
bit, TMR3IF
(PIR2<1>). This interrupt can be enabled/disabled by
setting/clearing TMR3 interrupt enable bit, TMR3IE
(PIE2<1>).
14.4
Resetting Timer3 Using a CCP
Trigger Output
If the CCP module is configured in Compare mode
to
generate
a
“special
event
trigger”
(CCP1M3:CCP1M0 = 1011), this signal will reset
Timer3.
Timer3 must be configured for either Timer or Synchro-
nized Counter mode to take advantage of this feature.
If Timer3 is running in Asynchronous Counter mode,
this Reset operation may not work. In the event that a
write to Timer3 coincides with a special event trigger
from CCP1, the write will take precedence. In this mode
of operation, the CCPR1H:CCPR1L register pair
effectively becomes the period register for Timer3.
TABLE 14-1:
REGISTERS ASSOCIATED WITH TIMER3 AS A TIMER/COUNTER
Note:
The special event triggers from the CCP
module will not set interrupt flag bit,
TMR3IF (PIR1<0>).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000
0000 0000
PIR2
—
CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
-0-0 0000
-0-0 0000
PIE2
—
CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
CCP2IE
-0-0 0000
-0-0 0000
IPR2
—
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
-1-1 1111
-1-1 1111
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx
uuuu uuuu
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx
uuuu uuuu
T1CON
RD16
—
T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0-00 0000
u-uu uuuu
T3CON
RD16
T3CCP2
T3CKPS1 T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
uuuu uuuu
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the Timer3 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com