Electronic Components Datasheet Search
  English  ▼

X  

AD745 Datasheet(PDF) 6 Page - Analog Devices

Part # AD745
Description  Ultralow Noise, High Speed, BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD745 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD745 Datasheet HTML 2Page - Analog Devices AD745 Datasheet HTML 3Page - Analog Devices AD745 Datasheet HTML 4Page - Analog Devices AD745 Datasheet HTML 5Page - Analog Devices AD745 Datasheet HTML 6Page - Analog Devices AD745 Datasheet HTML 7Page - Analog Devices AD745 Datasheet HTML 8Page - Analog Devices AD745 Datasheet HTML 9Page - Analog Devices AD745 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
AD745
–6–
INPUT OFFSET VOLTAGE DRIFT –
V/ C
72
–15
–10
15
–50
5
10
66
60
54
48
42
36
30
24
18
12
6
0
TOTAL UNITS = 760
TPC 19. Distribution of Offset
Voltage Drift. TA = 25
°C to 125°C
TPC 22a. Gain of 5 Follower,
16-Lead Package Pinout
TPC 23a. Gain of 4 Inverter,
16-Lead Package Pinout
INPUT VOLTAGE NOISE @ 10kHz – nV Hz
648
2.6
2.7
3.2
2.8
2.9
3.0
3.1
594
540
486
432
378
324
270
216
162
108
54
0
TOTAL UNITS = 4100
3.3
3.4
TPC 20. Typical Input Noise Voltage
Distribution @ 10 kHz
2µs
5V
100
90
10
0%
TPC 22b. Gain of 5 Follower
Large Signal Pulse Response
2µs
5V
100
90
10
0%
TPC 23b. Gain of 4 Inverter Large
Signal Pulse Response
TPC 21. Offset Null Configuration,
16-Lead Package Pinout
500ns
50mV
100
90
10
0%
TPC 22c. Gain of 5 Follower Small
Signal Pulse Response
500ns
50mV
100
90
10
0%
TPC 23c. Gain of 4 Inverter Small
Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com