Electronic Components Datasheet Search
  English  ▼

X  

AD810ARZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD810ARZ Datasheet HTML 6Page - Analog Devices AD810ARZ Datasheet HTML 7Page - Analog Devices AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices AD810ARZ Datasheet HTML 10Page - Analog Devices AD810ARZ Datasheet HTML 11Page - Analog Devices AD810ARZ Datasheet HTML 12Page - Analog Devices AD810ARZ Datasheet HTML 13Page - Analog Devices AD810ARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD810
REV. A
–10–
–Typical Characteristics, Inverting Connection
90
0%
1V
100mV
10
20nS
100
VIN
VO
Figure 37. Small Signal Pulse Response, Gain = –10,
RF = 442 Ω, RL = 150 Ω, VS = ±15 V
180
135
90
45
0
–45
–90
10
100
1000
GAIN = –10
RF = 249Ω
RL = 150Ω
VS = ±15V
±5V
±2.5V
VS = ±15V
±5V
±2.5V
FREQUENCY – MHz
PHASE
GAIN
1
20
15
19
18
17
16
21
Figure 39. Closed-Loop Gain and Phase vs. Frequency,
G = –10, RL = 150 Ω
40
20
30
70
50
60
80
90
100
218
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
G = –10
RL = 150Ω
VO = 250mV p- p
RF = 249Ω
RF = 442Ω
RF = 750Ω
NO PEAKING
Figure 41. –3 dB Bandwidth vs. Supply Voltage, G = –10,
RL = 150 Ω
90
0%
10V
1V
10
50nS
100
VIN
VO
Figure 38. Large Signal Pulse Response, Gain = –10,
RF = 442 Ω, RL = 400 Ω, VS = ±15 V
20
15
19
18
17
16
21
10
100
1000
GAIN = –10
RF = 249Ω
RL = 1kΩ
FREQUENCY – MHz
PHASE
GAIN
180
135
90
45
0
–45
–90
1
VS = ±15V
±5V
±2.5V
VS = ±15V
±5V
±2.5V
Figure 40. Closed-Loop Gain and Phase vs. Frequency,
G = –10, RL = 1 k
Ω
40
20
2
30
70
50
60
80
90
100
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
G = –10
RL = 1kΩ
VO = 250mV p- p
RF = 249Ω
RF = 442Ω
RF = 750Ω
NO PEAKING
Figure 42. –3 dB Bandwidth vs. Supply Voltage, G = –10,
RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com