Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 5 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 5 Page - Analog Devices

  AD810 Datasheet HTML 1Page - Analog Devices AD810 Datasheet HTML 2Page - Analog Devices AD810 Datasheet HTML 3Page - Analog Devices AD810 Datasheet HTML 4Page - Analog Devices AD810 Datasheet HTML 5Page - Analog Devices AD810 Datasheet HTML 6Page - Analog Devices AD810 Datasheet HTML 7Page - Analog Devices AD810 Datasheet HTML 8Page - Analog Devices AD810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD810
REV. A
–5–
250
50
–60
+140
200
100
–40
150
+100 +120
+80
+60
+40
+20
0
–20
JUNCTION TEMPERATURE –
°C
VS = ±15V
VS = ±5V
Figure 7. Short Circuit Current vs. Temperature
10.0
0.01
100k
100M
10M
1M
10k
1.0
0.1
FREQUENCY – Hz
VS = ±5V
GAIN = 2
RF = 715Ω
VS = ±15V
Figure 9. Closed-Loop Output Resistance vs. Frequency
30
15
0
100k
1M
100M
10M
10
5
20
25
FREQUENCY – Hz
OUTPUT LEVEL FOR 3% THD
RL = 400Ω
VS = ±15V
±
VS = ±5V
Figure 11. Large Signal Frequency Response
Typical Characteristics–
120
20
+140
80
40
–40
60
–60
100
+120
+100
+80
+60
+40
+20
0
–20
JUNCTION TEMPERATURE –
°C
VS = 15V
VS = 5V
±
±
Figure 8. Linear Output Current vs. Temperature
100k
10k
1k
100
100k
1M
10M
100M
FREQUENCY – Hz
1M
Figure 10. Output Resistance vs. Frequency,
Disabled State
100
10
1
100
10
1
10
100
1k
10k
100k
INVERTING INPUT
CURRENT NOISE
VOLTAGE NOISE
FREQUENCY – Hz
VS = ±5V TO ±15V
NONINVERTING INPUT
CURRENT NOISE
Figure 12. Input Voltage and Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com