Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1980
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1980 Datasheet HTML 12Page - Analog Devices AD1980 Datasheet HTML 13Page - Analog Devices AD1980 Datasheet HTML 14Page - Analog Devices AD1980 Datasheet HTML 15Page - Analog Devices AD1980 Datasheet HTML 16Page - Analog Devices AD1980 Datasheet HTML 17Page - Analog Devices AD1980 Datasheet HTML 18Page - Analog Devices AD1980 Datasheet HTML 19Page - Analog Devices AD1980 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. 0
–16–
AD1980
General-Purpose Register (Index 20h)
Reg
No.
Name
D15
D14
D13
D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
20h
General-Purpose X
X
X
X
DRSS1 DRSS0
X
MS
LPBK
X
X
X
X
X
X
X
0000h
This register should be read before writing to generate a mask for only the bit(s) that need to be changed. All registers not shown and bits containing an X are
assumed to be reserved.
LPBK
Loopback Control. This bit enables the digital internal loopback from the ADC to the Front DAC. This feature is
normally used for test and troubleshooting.
0 = No Loopback (Default)
1 = Loopback PCM digital data from ADC output to DAC
See LBKS bit in Register 0x74 for changing the loopback path to use the Surround or Center/LFE DACs.
MS
MIC Select. Selects Mono MIC input.
0 = Select MIC1
1 = Select MIC2
See 2CMIC bit in Register 76h to enable stereo microphone recording.
DRSS [1:0]
Double Rate Slot Select. The DRSS bits specify the slots for the n + 1 sample outputs. PCM L (n + 1) and PCM R
(n + 1) data are by default provided in output slots 10 and 11.
00: PCM L, R n + 1 Data is on Slots 10, 11 (reset default)
01: PCM L, R n + 1 Data is on Slots 7, 8
10: Reserved
11: Reserved
PG[3:0]
Page Selector (Read Only). This register is used to describe Page Selector capability for extended features.
Reading these bits returns 0h, which describes Page Selection as vendor specific only.
I0
INTERRUPT ENABLE (R/W). This enables interrupt generation.
0 = Interrupt Generation is Masked (Default)
1 = Interrupt Generation is Unmasked
The S/W should not unmask the interrupt unless ensured by the AC ’97 controller that no conflict is possible with
Modem slot 12 GPI functionality.
AC ’97 2.2 compliant controllers will not likely support audio codec interrupt infrastructure. In that case, S/W could
poll the interrupt status after initiating a sense cycle and waiting for Sense Cycle Max Delay to determine if an inter-
rupting event has occurred.
I4
INTERRUPT STATUS (R/W). This bit provides interrupt status and clear capability.
0 = Interrupt is Clear
1 = Interrupt was Generated
Interrupt event is cleared by writing a “1” to this bit. The interrupt bit will change regardless of condition of inter-
rupt enable (I0) status. An interrupt in the GPI in slot 12 in the AC link will follow this bit change when interrupt
enable (I0) is unmasked.
Audio Interrupt and Paging Mechanism Register (Index 24h)
Reg
No. Name
D15
D14
D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
24h Audio Interrupt
I4
X
X
X
I0
X
XXXXXXPG3
PG2
PG1
PG0
xxxxh
and Paging
This register controls the Audio Interrupt and Paging mechanism. All registers not shown and bits containing an X are assumed to be reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com