Electronic Components Datasheet Search
  English  ▼

X  

AD7244JRZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7244JRZ
Description  LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7244JRZ Datasheet(HTML) 4 Page - Analog Devices

  AD7244JRZ Datasheet HTML 1Page - Analog Devices AD7244JRZ Datasheet HTML 2Page - Analog Devices AD7244JRZ Datasheet HTML 3Page - Analog Devices AD7244JRZ Datasheet HTML 4Page - Analog Devices AD7244JRZ Datasheet HTML 5Page - Analog Devices AD7244JRZ Datasheet HTML 6Page - Analog Devices AD7244JRZ Datasheet HTML 7Page - Analog Devices AD7244JRZ Datasheet HTML 8Page - Analog Devices AD7244JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7242/AD7244
REV. A
–4–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7242/AD7244 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Limit at TMIN, TMAX
Parameter
(J, K, A, B Versions)
(S Version)
Units
Conditions/Comments
t1
50
50
ns min
TFS
to TCLK Falling Edge
t2
75
100
ns min
TCLK Falling Edge to TFS
t3
3
150
200
ns min
TCLK Cycle Time
t4
30
40
ns min
Data Valid to TCLK Setup Time
t5
75
100
ns min
Data Valid to TCLK Hold Time
t6
40
40
ns min
LDAC
Pulse Width
NOTES
1Timing specifications are sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a volt-
age level of 1.6 V.
2See Figure 6.
3TCLK Mark/Space ratio is 40/60 to 60/40.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V
AGND to DGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VOUT to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS to VDD
REF OUT to AGND . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
REF INA, REF INB to AGND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Inputs to DGND . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
J, K Versions
AD7244 . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD7242 . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
A, B Versions . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
S Version . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
(VDD = +5 V
5%, VSS = –5 V
5%, AGND = DGND = 0 V)
PIN CONFIGURATIONS
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . 550 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, functional operation
of the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DIP
SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com