Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8065
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices AD8065 Datasheet HTML 16Page - Analog Devices AD8065 Datasheet HTML 17Page - Analog Devices AD8065 Datasheet HTML 18Page - Analog Devices AD8065 Datasheet HTML 19Page - Analog Devices AD8065 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 18 of 20
REFERENCE SELECTION
When selecting a reference for use with the AD55xx series of
current output DACs, pay attention to the output voltage,
temperature coefficient specification of the reference. Choosing
a precision reference with a low output temperature coefficient
minimizes error sources. Table 10 lists some of the references
available from Analog Devices, Inc., that are suitable for use
with this range of current output DACs.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an
amplifier with low input bias currents and low input offset voltage.
Because of the code-dependent output resistance of the DAC,
the input offset voltage of an op amp is multiplied by the variable
gain of the circuit. A change in this noise gain between two
adjacent digital fractions produces a step change in the output
voltage due to the amplifier’s input offset voltage. This output
voltage change is superimposed upon the desired change in output
between the two codes and gives rise to a differential linearity error,
which, if large enough, can cause the DAC to be nonmonotonic.
The input bias current of an op amp also generates an offset at
the voltage output because of the bias current flowing in the
feedback resistor, RFB.
Common-mode rejection of the op amp is important in voltage-
switching circuits because it produces a code-dependent error
at the voltage output of the circuit.
Provided that the DAC switches are driven from true wideband
low impedance sources (VIN and AGND), they settle quickly.
Consequently, the slew rate and settling time of a voltage-switching
DAC circuit is determined largely by the output op amp. To obtain
minimum settling time in this configuration, minimize capacitance
at the VREF node (the voltage output node in this application) of
the DAC. This is done by using low input capacitance buffer
amplifiers and careful board design.
Analog Devices offers a wide range of amplifiers for both precision
dc and ac applications, as listed in Table 11 and Table 12.
Table 10. Suitable Analog Devices Precision References
Part No.
Output Voltage (V)
Initial Tolerance (%)
Maximum Temperature
Drift (ppm/°C)
I
SS (mA)
Output Noise (µV p-p)
Package(s)
ADR01
10
0.05
3
1
20
SOIC-8
ADR01
10
0.05
9
1
20
TSOT-5, SC70-5
ADR02
5.0
0.06
3
1
10
SOIC-8
ADR02
5.0
0.06
9
1
10
TSOT-5, SC70-5
ADR03
2.5
0.1
3
1
6
SOIC-8
ADR03
2.5
0.1
9
1
6
TSOT-5, SC70-5
ADR06
3.0
0.1
3
1
10
SOIC-8
ADR06
3.0
0.1
9
1
10
TSOT-5, SC70-5
ADR420
2.048
0.05
3
0.5
1.75
SOIC-8, MSOP-8
ADR421
2.50
0.04
3
0.5
1.75
SOIC-8, MSOP-8
ADR423
3.00
0.04
3
0.5
2
SOIC-8, MSOP-8
ADR425
5.00
0.04
3
0.5
3.4
SOIC-8, MSOP-8
ADR431
2.500
0.04
3
0.8
3.5
SOIC-8, MSOP-8
ADR435
5.000
0.04
3
0.8
8
SOIC-8, MSOP-8
ADR391
2.5
0.16
9
0.12
5
TSOT-5
ADR395
5.0
0.10
9
0.12
8
TSOT-5
Table 11. Suitable Analog Devices Precision Op Amps
Part No.
Supply Voltage (V)
V
OS Maximum
(µV)
I
B Maximum
(nA)
0.1 Hz to 10 Hz
Noise (µV p-p)
Supply Current (µA)
Package(s)
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8 , PDIP-8
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP-8, SOIC-8
AD8675
±5 to ±18
75
2
0.1
2300
MSOP-8, SOIC-8
AD8671
±5 to ±15
75
12
0.077
3000
MSOP-8, SOIC-8
ADA4004-1
±5 to ±15
125
90
0.1
2000
SOIC-8, SOT-23-5
AD8603
1.8 to 5
50
0.001
2.3
40
TSOT-5
AD8607
1.8 to 5
50
0.001
2.3
40
MSOP-8, SOIC-8
AD8605
2.7 to 5
65
0.001
2.3
1000
WLCSP-5, SOT-23-5
AD8615
2.7 to 5
65
0.001
2.4
2000
TSOT-5
AD8616
2.7 to 5
65
0.001
2.4
2000
MSOP-8, SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com