Electronic Components Datasheet Search
  English  ▼

X  

AD8021 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8021
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 8 of 20
NC
1
NC
2
ROFSA 3
RFBA 4
R1A 5
VREFA 7
IOUTA 8
AGNDA 9
DGND 10
AGNDB 11
IOUTB 12
VREFB 13
RCOMB 14
R1B 15
RFBB 16
ROFSB 17
18
A0 19
RCOMA 6
WR
NC = NO CONNECT
D0
38
D1
37
D2
36
D3
35
D4
34
D5
33
D6
32
D7
31
D8
30
VDD
29
D9
28
D10
27
D11
26
D12
25
D13
24
23
MSB
22
LDAC
21
A1
20
RS
AD5557
TOP VIEW
(Not to Scale)
Figure 5. AD5557 Pin Configuration
Table 4. AD5557 Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 2
NC
No Connection. Do not connect anything other than the dummy pads to these pins.
3
R
OFSA
Bipolar Offset Resistor A. Accepts up to ±18 V. In 2-quadrant mode, R
OFSA ties to RFBA. In 4-quadrant mode, ROFSA
ties to R
1A and the external reference.
4
R
FBA
Internal Matching Feedback Resistor A. Connects to the external op amp for I-to-V conversion.
5
R
1A
4-Quandrant Resistor. In 2-quadrant mode, R
1A shorts to the VREFA pin. In 4-quadrant mode, R1A ties to ROFSA. Do
not connect when operating in unipolar mode.
6
R
COMA
Center Tap Point of the Two 4-Quadrant Resistors, R
1A and R2A. In 4-quadrant mode, RCOMA ties to the inverting
node of the reference amplifier. In 2-quadrant mode, R
COMA shorts to the VREFA pin. Do not connect if operating
in unipolar mode.
7
V
REFA
DAC A Reference Input in 2-Quadrant Mode, R2 Terminal in 4-Quadrant Mode. In 2-quadrant mode, V
REFA is the
reference input with constant input resistance vs. code. In 4-quadrant mode, V
REFA is driven by the external
reference amplifier.
8
I
OUTA
DAC A Current Output. Connects to the inverting terminal of external precision I-to-V op amp for voltage
output.
9
AGNDA
DAC A Analog Ground.
10
DGND
Digital Ground.
11
AGNDB
DAC B Analog Ground.
12
I
OUTB
DAC B Current Output. Connects to inverting terminal of external precision I-to-V op amp for voltage output.
13
V
REFB
DAC B Reference Input Pin. Establishes DAC full-scale voltage. Constant input resistance vs. code. If configured
with an external op amp for 4-quadrant multiplying, V
REFB becomes –VREF.
14
R
COMB
Center Tap Point of the Two 4-Quadrant Resistors, R
1B and R2B. In 4-quadrant mode, RCOMB ties to the inverting
node of the reference amplifier. In 2-quadrant mode, R
COMB shorts to the VREFB pin. Do not connect if operating
in unipolar mode.
15
R
1B
4-Quandrant Resistor. In 2-quadrant mode, R
1B shorts to the VREFB pin. In 4-quadrant mode, R1B ties to ROFSB. Do
not connect if operating in unipolar mode.
16
R
FBB
Internal Matching Feedback Resistor B. Connects to external op amp for I-to-V conversion.
17
R
OFSB
Bipolar Offset Resistor B. Accepts up to ±18 V. In 2-quadrant mode, R
OFSB ties to RFBB. In 4-quadrant mode, ROFSB
ties to R
1B and an external reference.
18
WR
Write Control Digital Input In, Active Low. Transfers shift register data to the DAC register on the rising edge.
Signal level must be ≤V
DD + 0.3 V.
19
A0
Address Pin 0. Signal level must be ≤V
DD + 0.3 V.
20
A1
Address Pin 1. Signal level must be ≤V
DD + 0.3 V.
21
LDAC
Digital Input Load DAC Control. Signal level must be ≤V
DD + 0.3 V.
22
MSB
Power-On Reset State. MSB = 0 corresponds to zero-scale reset; MSB = 1 corresponds to midscale reset. The
signal level must be ≤V
DD + 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com